Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 35 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 35 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 31Page - Integrated Device Technology STAC9271 Datasheet HTML 32Page - Integrated Device Technology STAC9271 Datasheet HTML 33Page - Integrated Device Technology STAC9271 Datasheet HTML 34Page - Integrated Device Technology STAC9271 Datasheet HTML 35Page - Integrated Device Technology STAC9271 Datasheet HTML 36Page - Integrated Device Technology STAC9271 Datasheet HTML 37Page - Integrated Device Technology STAC9271 Datasheet HTML 38Page - Integrated Device Technology STAC9271 Datasheet HTML 39Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
35
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.1.3.
Root NodeInfo
6.2.
AFG Node (NID = 0x01)
6.2.1.
AFG Reset
Table 12. Root NodeInfo
Command Verb Format
Verb ID
Payload
Response
Get
F00
04
See bitfield table.
Table 13. Root NodeInfo
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:24]
Rsvd2
R
0x00
Reserved
[23.:16]
StartNID
R
0x01
Starting node number (NID) of first function group
[15.:8]
Rsvd1
R
0x00
Reserved
[7.:0]
TotalNodes
R
0x01
Total number of nodes
Table 14. AFG Reset
Command Verb Format
Verb ID
Payload
Response
Get
7FF
00
See bitfield table.
Set1
7FF
See bits [7:0] of bitfield table.
0000_0000h
Table 15. AFG Reset
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:0]
Response
R
0x0
Reserved. Overlaps Execute.
[0]
Execute
W
0x0
Function Reset. Function Group reset is
executed when the Set verb 7FF is written
with 8-bit payload of 00h. The CODEC
should issue a response to acknowledge
receipt of the verb, and then reset the
affected Function Group and all associated
widgets to their power-on reset values.
Some controls such as Configuration
Default controls should not be reset.
Overlaps Response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com