Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 1 Page - Integrated Device Technology

  STAC9271 Datasheet HTML 1Page - Integrated Device Technology STAC9271 Datasheet HTML 2Page - Integrated Device Technology STAC9271 Datasheet HTML 3Page - Integrated Device Technology STAC9271 Datasheet HTML 4Page - Integrated Device Technology STAC9271 Datasheet HTML 5Page - Integrated Device Technology STAC9271 Datasheet HTML 6Page - Integrated Device Technology STAC9271 Datasheet HTML 7Page - Integrated Device Technology STAC9271 Datasheet HTML 8Page - Integrated Device Technology STAC9271 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 223 page
background image
DATASHEET
10-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9271/9272/9273/9274
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
1
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
Description
The STAC927x “Red River” is a family of Theater Quality
10-channel audio CODECs that enable systems with 7.1
audio playing simultaneously with VoIP or another stereo
audio stream. IDT's proprietary
Σ∆ technology provides
high fidelity with an estimated DAC SNR up to 105dB. Up to
four digital microphones are supported enabling high
quality voice input for increased usability of voice
applications.
Features
•
High performance HD Audio CODEC provides
Theater Quality Audio
•
High performance
Σ∆ technology
•
105dB DAC SNR
•
90dB ADC SNR
•
Five Stereo DACs and three stereo ADCs
•
Supports 7.1 Audio with simultaneous Real Time
Communication (RTC) channel such as VoIP or separate
stereo audio stream
•
24-bit resolution with up to 192 KHz sample rates
•
Digital Microphone Interface
•
Direct interface up to four Digital Microphones
•
Analog Stereo Microphone
•
Microphone Boost 0, 10, 20, 30, 40dB
•
Six adjustable Vref outputs for microphone bias
•
Integrated Headphone Amps (3)
•
S/PDIF In and Out
•
ADAT® Optical “Lightpipe” Output
Support
•
Volume Up/Down Control
•
Jack Insertion Detect and Impedance Sensing
supports Jack Retasking and Universal Jacks
•
Digital PC Beep to all outputs
•
+3.3 V to +5 V analog power supply options
•
Environmental 48-pin LQFP package
Software Support
•
SKPI (Kernel Processing Interface)
•
Enables plug-ins that can operate globally on all audio
streams of the system
•
12 band parametric equalizer SKPI plug-in
•
Constant, system-level effects tuned to optimize a
particular platform can be combined with user-mode
“presets” tailored for specific acoustical environments
and applications
•
System-level effects automatically disabled when
external connections made
•
Dynamics Processing SKPI plug-in
•
Enables improved voice articulation
•
Compressor/limiter allows higher average noise level
without resonances
•
Dolby PC Entertainment Experience Logo Program
•
Dolby Master StudioTM (See Table)
•
Dolby Home TheaterTM (See Table)
•
Dolby Sound RoomTM (See Table)
•
Dolby Technologies
•
Dolby HeadphoneTM, Dolby Virtual SpeakerTM
•
Dolby ProLogic IITM, Dolby ProLogic IIxTM
•
Dolby Digital LiveTM
•
Intel Audio StudioTM from Sonic Focus
•
Maxx PlayerTM from Waves
•
Microphone Beam Forming, Acoustic Echo
Cancellation, & Noise Suppression from
KnowlesTM


Similar Part No. - STAC9271

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9200 IDT-STAC9200 Datasheet
1Mb / 126P
2-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
STMicroelectronics
STAC9200 STMICROELECTRONICS-STAC9200 Datasheet
449Kb / 14P
200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
22-Apr-2014
logo
Integrated Device Techn...
STAC9200D3NAE IDT-STAC9200D3NAE Datasheet
1Mb / 126P
2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D3TAE IDT-STAC9200D3TAE Datasheet
1Mb / 126P
2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D5NAE IDT-STAC9200D5NAE Datasheet
1Mb / 126P
2-CHANNEL HIGH DEFINITION AUDIO CODEC
More results

Similar Description - STAC9271

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9227 IDT-STAC9227 Datasheet
1Mb / 237P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD202 IDT-92HD202 Datasheet
1Mb / 168P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD206 IDT-92HD206 Datasheet
1Mb / 176P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD700 IDT-92HD700 Datasheet
1Mb / 181P
10-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Realtek Semiconductor C...
ALC662 REALTEK-ALC662_08 Datasheet
1Mb / 82P
5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC662 REALTEK-ALC662_09 Datasheet
1Mb / 82P
5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC662-GR REALTEK-ALC662-GR Datasheet
1Mb / 81P
5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC663 REALTEK-ALC663 Datasheet
1Mb / 82P
5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC861-GR REALTEK-ALC861-GR Datasheet
1Mb / 67P
7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC861-VD-GR REALTEK-ALC861-VD-GR Datasheet
1Mb / 80P
7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com