Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 48 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 48 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 44Page - Integrated Device Technology STAC9271 Datasheet HTML 45Page - Integrated Device Technology STAC9271 Datasheet HTML 46Page - Integrated Device Technology STAC9271 Datasheet HTML 47Page - Integrated Device Technology STAC9271 Datasheet HTML 48Page - Integrated Device Technology STAC9271 Datasheet HTML 49Page - Integrated Device Technology STAC9271 Datasheet HTML 50Page - Integrated Device Technology STAC9271 Datasheet HTML 51Page - Integrated Device Technology STAC9271 Datasheet HTML 52Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
48
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.2.19. AFG SubID
[3]
Mask3
RW
0x0
GPIO3 input type (when configured as
input):
0= Non-Sticky (level-sensitive);
1= Sticky (edge-sensitive). Sticky inputs are
cleared by writing zero to corresponding bit
of GPIO Data register. GPIOPolarity
determines rising or falling edge sensitivity.
[2]
Mask2
RW
0x0
GPIO2 input type (when configured as
input):
0= Non-Sticky (level-sensitive);
1= Sticky (edge-sensitive). Sticky inputs are
cleared by writing zero to corresponding bit
of GPIO Data register. GPIOPolarity
determines rising or falling edge sensitivity.
[1]
Mask1
RW
0x0
GPIO1 input type (when configured as
input):
0= Non-Sticky (level-sensitive);
1= Sticky (edge-sensitive). Sticky inputs are
cleared by writing zero to corresponding bit
of GPIO Data register. GPIOPolarity
determines rising or falling edge sensitivity.
[0]
Mask0
RW
0x0
GPIO0 input type (when configured as
input):
0= Non-Sticky (level-sensitive);
1= Sticky (edge-sensitive). Sticky inputs are
cleared by writing zero to corresponding bit
of GPIO Data register. GPIOPolarity
determines rising or falling edge sensitivity.
Table 50. AFG SubID
Command Verb Format
Verb ID
Payload
Response
Get
F20
00
See bitfield table.
Set1
720
See bits [7:0] of bitfield table.
0000_0000h
Set2
721
See bits [7:0] of bitfield table.
0000_0000h
Set3
722
See bits [7:0] of bitfield table.
0000_0000h
Set4
723
See bits [7:0] of bitfield table.
0000_0000h
Table 49. AFG GPIOSticky
Command Response Format
Bit
Bitfield Name
RW
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com