Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 20 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 20 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 16Page - Integrated Device Technology STAC9271 Datasheet HTML 17Page - Integrated Device Technology STAC9271 Datasheet HTML 18Page - Integrated Device Technology STAC9271 Datasheet HTML 19Page - Integrated Device Technology STAC9271 Datasheet HTML 20Page - Integrated Device Technology STAC9271 Datasheet HTML 21Page - Integrated Device Technology STAC9271 Datasheet HTML 22Page - Integrated Device Technology STAC9271 Datasheet HTML 23Page - Integrated Device Technology STAC9271 Datasheet HTML 24Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
20
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
1. Ratio of Full Scale signal to noise output with -60dB signal, measured “A weighted” over a 20 Hz to a 20 KHz
bandwidth.
2. ± 3dB limits for Line Output and 0dB gain, at -20dBV
3. Amplitude of THD+N, measured with A-weighting filter, over 20 Hz to 20 KHz bandwidth.
4. Ratio of Full Scale signal to idle channel noise output is measured “A weighted” over a 20 Hz to a 20 KHz
bandwidth. (AES17-1991 Idle Channel Noise or EIAJ CP-307 Signal-to-noise Ratio.)
5. Peak-to-Peak Ripple over Passband meets ± 0.25dB limits, 48 KHz Sample Frequency.
6. Stop Band rejection determines filter requirements. Out-of-Band rejection determines audible noise.
7. The integrated Out-of-Band noise generated by the DAC process, during normal PCM audio playback, over a
bandwidth 28.8 KHz to 100 KHz, with respect to a 1 Vrms DAC output.
8. Can be set to 0.5 or 0.8 AVdd.
40dB Mic Boost Enabled THD+N
5 mV Input
All
55
dB
Power Supply
Power Supply Rejection Ratio
1 KHz
All
-
-70
-
dB
Power Supply Rejection Ratio
20 KHz
All
-
-40
-
dB
D0 Didd
3.3 V
75
90
mA
D0 Aidd
5.0 V, 4.5 V, & 4.0 V, 3.3 V
85
mA
D1 Didd
3.3 V
75
90
mA
D1 Aidd
5.0 V, 4.5 V, & 4.0 V, 3.3 V
85
mA
D2 Didd
3.3 V
23
30
mA
D2 Aidd
5.0 V, 4.5 V, & 4.0 V, 3.3 V
58
mA
D3 Didd
3.3 V
23
30
mA
D3 Aidd
5.0 V, 4.5 V, & 4.0 V, 3.3 V
37
mA
One Stereo ADC Didd
3.3 V
8
10
mA
One Stereo ADC Aidd
5.0 V, 4.5 V, & 4.0 V, 3.3 V
10
mA
One Stereo DAC Didd
3.3 V
3
5
mA
One Stereo DAC Aidd
5.0 V, 4.5 V, & 4.0 V, 3.3 V
2
mA
CD Input
CD Common Mode Rejection (CMR)
All
50
55
dB
Voltage Reference Outputs
VREFout (Note 8)
All
-
0.5 X
AVdd
-V
VREFILT (VAG)
All
0.45X
AVdd
V
Phased Locked Loop
PLL lock time
All
96
200
µsec
PLL (or Azalia Bit CLK) 24 MHz clock jitter
All
150
500
psec
Parameter
Conditions
AVdd
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com