Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 40 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 40 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 36Page - Integrated Device Technology STAC9271 Datasheet HTML 37Page - Integrated Device Technology STAC9271 Datasheet HTML 38Page - Integrated Device Technology STAC9271 Datasheet HTML 39Page - Integrated Device Technology STAC9271 Datasheet HTML 40Page - Integrated Device Technology STAC9271 Datasheet HTML 41Page - Integrated Device Technology STAC9271 Datasheet HTML 42Page - Integrated Device Technology STAC9271 Datasheet HTML 43Page - Integrated Device Technology STAC9271 Datasheet HTML 44Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
40
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.2.9.
AFG GPIOCnt
[1]
D1Sup
R
0x1
Power State D1 is supported. Allows for lowest possible
power consuming state from which it can return to fully on
state within 10ms, excepting analog pass-through circuits
which must remain fully on.
[0]
D0Sup
R
0x1
Power State D0 is supported. Node power state is fully on.
Table 30. AFG GPIOCnt
Command Verb Format
Verb ID
Payload
Response
Get
F00
11
See bitfield table.
Table 31. AFG GPIOCnt
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31]
GPIWake
R
0x1
Wake capability. Assuming the Wake Enable
Mask controls are enabled, GPIO's configured
as inputs can cause a wake (generate a
Status Change event on the link) when there
is a change in level on the pin.
[30]
GPIUnsol
R
0x1
Unsolicited Response capability. Assuming
the Unsolicited Enable Mask controls are
enabled, GPIO's configured as inputs can
generate an Unsolicited Response on the link
when there is a change in level on the pin.
[29.:24]
Rsvd
R
0x0
Reserved
[23.:16]
NumGPIs
R
0x00
Number of GPI pins supported by function
[15.:8]
NumGPOs
R
0x00
Number of GPO pins supported by function
[7.:0]
NumGPIOs
R
0x03 = 48 pin
Number of GPIO pins supported by function
Table 29. AFG SupPwrState
Command Response Format
Bit
Bitfield Name
RW
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com