Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 100 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 100 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 96Page - Integrated Device Technology STAC9271 Datasheet HTML 97Page - Integrated Device Technology STAC9271 Datasheet HTML 98Page - Integrated Device Technology STAC9271 Datasheet HTML 99Page - Integrated Device Technology STAC9271 Datasheet HTML 100Page - Integrated Device Technology STAC9271 Datasheet HTML 101Page - Integrated Device Technology STAC9271 Datasheet HTML 102Page - Integrated Device Technology STAC9271 Datasheet HTML 103Page - Integrated Device Technology STAC9271 Datasheet HTML 104Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
100
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.12.3. SPDIFIn PCMCap
Table 192. SPDIFIn PCMCap
Command Verb Format
Verb ID
Payload
Response
Get
F00
0A
See bitfield table.
Table 193. SPDIFIn PCMCap
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:21]
Rsvd2
R
0x0
Reserved
[20]
B32
R
0x0
32 bit audio formats are NOT supported
[19]
B24
R
0x1
24 bit audio formats are supported
[18]
B20
R
0x1
20 bit audio formats are supported
[17]
B16
R
0x1
16 bit audio formats are supported
[16]
B8
R
0x0
8 bit audio formats are NOT supported
[15.:12]
Rsvd1
R
0x0
Reserved
[11]
R12
R
0x0
384 KHz rate (8/1*48 KHz) NOT supported
[10]
R11
R
0x0
192.0 KHz rate (4/1*48 KHz) NOT supported
[9]
R10
R
0x0
176.4 KHz rate (4/1*44.1 KHz) NOT supported
[8]
R9
R
0x1
96.0 KHz rate (2/1*48 KHz) supported
[7]
R8
R
0x0
88.2 KHz rate (2/1*44.1 KHz) NOT supported
[6]
R7
R
0x1
48.0 KHz rate supported (REQUIRED)
[5]
R6
R
0x1
44.1 KHz rate supported
[4]
R5
R
0x0
32.0 KHz rate (2/3*48 KHz) NOT supported
[3]
R4
R
0x0
22.05 KHz rate (1/2*44.1 KHz) NOT supported
[2]
R3
R
0x0
16.0 KHz rate (1/3*48 KHz) NOT supported
[1]
R2
R
0x0
11.025 KHz rate (1/4*44.0 KHz) NOT supported
[0]
R1
R
0x0
8.0 KHz rate (1/6*48 KHz) NOT supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com