Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 37 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 37 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 33Page - Integrated Device Technology STAC9271 Datasheet HTML 34Page - Integrated Device Technology STAC9271 Datasheet HTML 35Page - Integrated Device Technology STAC9271 Datasheet HTML 36Page - Integrated Device Technology STAC9271 Datasheet HTML 37Page - Integrated Device Technology STAC9271 Datasheet HTML 38Page - Integrated Device Technology STAC9271 Datasheet HTML 39Page - Integrated Device Technology STAC9271 Datasheet HTML 40Page - Integrated Device Technology STAC9271 Datasheet HTML 41Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
37
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.2.5.
AFG PCMCap
Table 21. AFG Cap
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:17]
Rsvd3
R
0x0
Reserved
[16]
BeepGen
R
0x1
Optional Beep Generator is present
[15.:12]
Rsvd2
R
0x0
Reserved
[11.:8]
InputDelay
R
0xD
Typical latency = 13 frames. Number of
samples between when the sample is
received as an analog signal at the pin and
when the digital representation is
transmitted on the Azalia link.
[7.:4]
Rsvd1
R
0x0
Reserved
[3.:0]
OutputDelay
R
0xD
Typical latency = 13 frames. Number of
samples between when the signal is
received from the Azalia link and when it
appears as an analog signal at the pin.
Table 22. AFG PCMCap
Command Verb Format
Verb ID
Payload
Response
Get
F00
0A
See bitfield table.
Table 23. AFG PCMCap
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:21]
Rsvd2
R
0x0
Reserved
[20]
B32
R
0x0
32 bit audio formats are NOT supported
[19]
B24
R
0x1
24 bit audio formats are supported
[18]
B20
R
0x1
20 bit audio formats are supported
[17]
B16
R
0x1
16 bit audio formats are supported
[16]
B8
R
0x0
8 bit audio formats are NOT supported
[15.:12]
Rsvd1
R
0x0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com