Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 30 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 30 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 26Page - Integrated Device Technology STAC9271 Datasheet HTML 27Page - Integrated Device Technology STAC9271 Datasheet HTML 28Page - Integrated Device Technology STAC9271 Datasheet HTML 29Page - Integrated Device Technology STAC9271 Datasheet HTML 30Page - Integrated Device Technology STAC9271 Datasheet HTML 31Page - Integrated Device Technology STAC9271 Datasheet HTML 32Page - Integrated Device Technology STAC9271 Datasheet HTML 33Page - Integrated Device Technology STAC9271 Datasheet HTML 34Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
30
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
5. WIDGET DIAGRAM
DAC0
Azalia
Link
NID=02h
NID=1Bh
DAC1
NID=03h
NID=1Ch
NID=0Ah
NID=0Bh
NID=0Ch
NID=0Dh
NID=0Eh
NID=0Fh
NID=10h
NID=11h
DAC2
NID=04h
DAC3
NID=05h
DAC4
NID=06h
ADC0
NID=07h
ADC1
NID=08h
ADC2
NID=09h
SPDIF
IN
NID=20h
SPDIF
OUT
NID=1Eh
DM IC0
NID =13h
DM IC1
NID=14h
NID=21h
DIG IN
NID=22h
NID=15h
NID=16h
NID=17h
PCBEEP
NID=23h
CD
NID=12h
ADAT
OUT
NID=1Fh
VOLU M E
KNO B
NID=24h
IN PO RT0
VO L
NID=18h
INPO RT1
VO L
NID=19h
INPORT2
VO L
NID=1Ah
NID=1Dh
PortC
PortD
PortE
PortF
PortG
PortH
ADC0
MUX
ADC1
MUX
ADC2
MUX
INPO RT0
MUX
INPO RT1
MUX
INPO RT2
MUX
PortB
PortA
DIGO UT
0
ADC0M UX
ADC1M UX
ADC1M UX
ADC0M UX
DAC 0
DAC0
DAC0
DAC1
DAC1
DAC2
DAC2
DAC1
DAC1
DAC3
DAC4
DAC4
A
B
C
D
E
F
G
H
CD
A
B
C
D
E
F
G
H
CD
A
B
C
D
E
F
G
H
CD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com