Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 36 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 36 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 32Page - Integrated Device Technology STAC9271 Datasheet HTML 33Page - Integrated Device Technology STAC9271 Datasheet HTML 34Page - Integrated Device Technology STAC9271 Datasheet HTML 35Page - Integrated Device Technology STAC9271 Datasheet HTML 36Page - Integrated Device Technology STAC9271 Datasheet HTML 37Page - Integrated Device Technology STAC9271 Datasheet HTML 38Page - Integrated Device Technology STAC9271 Datasheet HTML 39Page - Integrated Device Technology STAC9271 Datasheet HTML 40Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
36
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.2.2.
AFG NodeInfo
6.2.3.
AFG Type
6.2.4.
AFG Type
Table 16. AFG NodeInfo
Command Verb Format
Verb ID
Payload
Response
Get
F00
04
See bitfield table.
Table 17. AFG NodeInfo
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:24]
Rsvd2
R
0x0
Reserved
[23.:16]
StartNID
R
0x2
Starting node number for function group
subordinate nodes.
[15.:8]
Rsvd1
R
0x0
Reserved
[7.:0]
TotalNodes
R
0x23
Total number of nodes.
Table 18. AFG Type
Command Verb Format
Verb ID
Payload
Response
Get
F00
05
See bitfield table.
Table 19. AFG Type
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:9]
Rsvd
R
0x0
Reserved
[8]
UnSol
R
0x1
This node is capable of generating an
unsolicited response, and will respond to
the Unsolicited Response verb (Verb ID
708h).
[7.:0]
NodeType
R
0x01
Node type = Audio Function Group
Table 20. AFG Cap
Command Verb Format
Verb ID
Payload
Response
Get
F00
08
See bitfield table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com