Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 32 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 32 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 28Page - Integrated Device Technology STAC9271 Datasheet HTML 29Page - Integrated Device Technology STAC9271 Datasheet HTML 30Page - Integrated Device Technology STAC9271 Datasheet HTML 31Page - Integrated Device Technology STAC9271 Datasheet HTML 32Page - Integrated Device Technology STAC9271 Datasheet HTML 33Page - Integrated Device Technology STAC9271 Datasheet HTML 34Page - Integrated Device Technology STAC9271 Datasheet HTML 35Page - Integrated Device Technology STAC9271 Datasheet HTML 36Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
32
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6. WIDGET INFORMATION FOR THE STAC927X FAMILY
Table 7. High Definition Audio Widget
ID
Widget Name
Description
00h
Root
Root Node
01h
Audio Function Group
Audio Function Group
02h
DAC0
Stereo Output Converter to DAC
03h
DAC1
Stereo Output Converter to DAC
04h
DAC2
Stereo Output Converter to DAC
05h
DAC3
Stereo Output Converter to DAC
06h
DAC4
Stereo Output Converter to DAC
07h
ADC0
Stereo Input Converter to ADC
08h
ADC1
Stereo Input Converter to ADC
09h
ADC2
Stereo Input Converter to ADC
0Ah
Port A
Port A Pin Widget (Configurable as HP, Line In, Line Out, Mic)
0Bh
Port B
Port B Pin Widget (Configurable as HP, Line In, Line Out, Mic)
0Ch
Port C
Port C Pin Widget (Configurable as Line In, Line Out, Mic)
0Dh
Port D
Port D Pin Widget (Configurable as HP, Line In, Line Out, Mic)
0Eh
Port E
Port E Pin Widget (Configurable as Line In, Line Out, Mic)
0Fh
Port F
Port F Pin Widget (Configurable as Line In, Line Out, Mic)
10h
Port G
Port G Pin Widget (Configurable as Line In, Line Out, Mic)
11h
Port H
Port H Pin Widget (Configurable as Line In, Line Out, Mic)
12h
CD
CD Pin Widget
13h
DigMic0
Digital Microphone 0 Pin Widget
14h
DigMic1
Digital Microphone 1 Pin Widget
15h
InPort0Mux
ADC0 Input Port Mux
16h
InPort1Mux
ADC1 Input Port Mux
17h
InPort2Mux
ADC2 Input Port Mux
18h
InPort0Vol
ADC0 Input Port Volume
19h
InPort1Vol
ADC1 Input Port Volume
1Ah
InPort2Vol
ADC2 Input Port Volume
1Bh
ADC0Mux
ADC0 Mux
1Ch
ADC1Mux
ADC1 Mux
1Dh
ADC2Mux
ADC2 Mux
1Eh
SPDIF_OUT
Stereo Output for SPDIF_Out
1Fh
ADATOut
ADAT Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com