Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 22 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 22 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 18Page - Integrated Device Technology STAC9271 Datasheet HTML 19Page - Integrated Device Technology STAC9271 Datasheet HTML 20Page - Integrated Device Technology STAC9271 Datasheet HTML 21Page - Integrated Device Technology STAC9271 Datasheet HTML 22Page - Integrated Device Technology STAC9271 Datasheet HTML 23Page - Integrated Device Technology STAC9271 Datasheet HTML 24Page - Integrated Device Technology STAC9271 Datasheet HTML 25Page - Integrated Device Technology STAC9271 Datasheet HTML 26Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
22
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
Impedance Sense is accomplished by on-chip circuitry that measures the impedance at the pin of
the chip and compares it to internal reference impedance. Below is a table that contains the bin infor-
mation and codes returned when the pin widget impedance field in the Port Pin Sense widget is
read. Please note that even under the best conditions, there is no method to guarantee 100%
impedance sensing due to variations in external circuitry and impedance overlap of devices that can
be plugged into a jack. The impedance sense table reflects both standard Line Out and Headphone
output drivers. Please reference the HD Audio Universal Jack Application Note on the IDT Extranet
for more information.
3.2.
SPDIF Input
SPDIF IN can operate at 44.1 KHz, 48 KHz or 96 KHz and implements internal Jack Detect.
A sophisticated digital PLL allows automatic rate detection and accurate data recovery. The ability to
accept consumer SPDIF voltage levels directly eliminates the need for costly external receiver ICs.
Advanced features such as record slot select and SPDIF_IN routing to the DAC allows for simulta-
neous record and play.
Table 2: Impedance Sense
Bins
Return Hex Code
Impedance Level (Ohms)
General Device Detected
000b
0064h
Impedance < 300
Passive Speakers, Headset Speakers
001b
012Ch
Impedance = 300 +/- 25%
Some Headset Speakers
010b
028Ah
300 > Impedance < 1275
Some Microphones
011b
03E8h
Impedance = 1275 +/- 25%
Microphones
100b
07D0h
1275 > Impedance < 2000
Microphones
101b
0BB8h
Impedance = 2000 +/- 25%
Amplified Speakers
110b
2710h
> 2000
Amplified Speakers, Line In
111b
2710h
> 2000
Amplified Speakers, Line In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com