Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 18 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 18 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 14Page - Integrated Device Technology STAC9271 Datasheet HTML 15Page - Integrated Device Technology STAC9271 Datasheet HTML 16Page - Integrated Device Technology STAC9271 Datasheet HTML 17Page - Integrated Device Technology STAC9271 Datasheet HTML 18Page - Integrated Device Technology STAC9271 Datasheet HTML 19Page - Integrated Device Technology STAC9271 Datasheet HTML 20Page - Integrated Device Technology STAC9271 Datasheet HTML 21Page - Integrated Device Technology STAC9271 Datasheet HTML 22Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
18
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
THD+N - DAC to All Headphone Ports
(Note 3)
Analog Mixer Disabled, -3dB Signal,
32
Ω load, PCM data
5 V
4.5 V
4.0 V
3.3 V
85
83
82
80
dB
SNR - DAC to All Headphone Ports
(Note 4)
Analog Mixer Enabled, 10 k
Ω load, PCM
data
5 V
4.5 V
4.0 V
3.3 V
90
88
87
85
dB
THD+N - DAC to All Headphone Ports
(Note 3)
Analog Mixer Enabled, -3dB Signal,
10 k
Ω load, PCM data
5 V
4.5 V
4.0 V
3.3 V
79
77
76
74
dB
SNR - DAC to All Headphone Ports
(Note 4)
Analog Mixer Enabled, 32
Ω load, PCM
data
5 V
4.5 V
4.0 V
3.3 V
87
85
84
82
dB
THD+N - DAC to All Headphone Ports
(Note 3)
Analog Mixer Enabled, -3dB Signal,
32
Ω load, PCM data
5 V
4.5 V
4.0 V
3.3 V
74
72
71
69
dB
Any Analog Input to DAC Crosstalk
10 KHz Signal Frequency
All
-
-85
-
dB
Any Analog Input to DAC Crosstalk
1 KHz Signal Frequency
All
-
-80
-
dB
Gain Error
Analog Mixer Disabled
All
0.5
dB
Interchannel Gain Mismatch
Analog Mixer Disabled
All
0.5
dB
D/A Digital Filter Pass Band (Note 5)
All
20
-
19,200
Hz
D/A Digital Filter Transition Band
All
19,200
-
28,800
Hz
D/A Digital Filter Stop Band
All
28,800
-
-
Hz
D/A Digital Filter Stop Band Rejcn (Note 6)
All
-100
-
-
dB
D/A Out-of-Band Rejection (Note 7)
All
-55
-
-
dB
Group Delay (48 KHz sample rate)
All
-
-
1
ms
Attenuation, Gain Step Size DIGITAL
All
-
0.75
-
dB
Gain Drift
All
-
100
-
ppm/ºC
DAC Offset Voltage
All
-
100
20
mV
Deviation from Linear Phase
All
-
1
10
deg.
Analog Outputs
Full Scale All Line-Outs
DAC PCM Data
5 V
4.5 V
4.0 V
3.3 V
1.00
1.00
1.00
0.70
--
Vrms
Full Scale All Line-Outs
DAC PCM Data
All
2.83
-
-
Vp-p
All Headphone Capable Outputs
32
Ω load
All
31
50
-
mW peak
Analog inputs
Parameter
Conditions
AVdd
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com