Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 47 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 47 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 43Page - Integrated Device Technology STAC9271 Datasheet HTML 44Page - Integrated Device Technology STAC9271 Datasheet HTML 45Page - Integrated Device Technology STAC9271 Datasheet HTML 46Page - Integrated Device Technology STAC9271 Datasheet HTML 47Page - Integrated Device Technology STAC9271 Datasheet HTML 48Page - Integrated Device Technology STAC9271 Datasheet HTML 49Page - Integrated Device Technology STAC9271 Datasheet HTML 50Page - Integrated Device Technology STAC9271 Datasheet HTML 51Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
47
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.2.18. AFG GPIOSticky
[2]
EnMask2
RW
0x0
Unsolicited enable mask for GPIO2. If set,
and the Unsolicited Response control for
this widget has been enabled, an unsolicited
response will be sent when GPIO0 is
configured as input and changes state.
[1]
EnMask1
RW
0x0
Unsolicited enable mask for GPIO1. If set,
and the Unsolicited Response control for
this widget has been enabled, an unsolicited
response will be sent when GPIO0 is
configured as input and changes state.
[0]
EnMask0
RW
0x0
Unsolicited enable mask for GPIO0. If set,
and the Unsolicited Response control for
this widget has been enabled, an unsolicited
response will be sent when GPIO0 is
configured as input and changes state.
Table 48. AFG GPIOSticky
Command Verb Format
Verb ID
Payload
Response
Get
F1A
00
See bitfield table.
Set1
71A
See bits [7:0] of bitfield table.
0000_0000h
Table 49. AFG GPIOSticky
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:5]
Rsvd
R
0x0
Reserved
[4]
Mask4
RW
0x0
GPIO4 input type (when configured as
input):
0= Non-Sticky (level-sensitive);
1= Sticky (edge-sensitive). Sticky inputs are
cleared by writing zero to corresponding bit
of GPIO Data register. GPIOPolarity
determines rising or falling edge sensitivity.
Table 47. AFG GPIOUnsol
Command Response Format
Bit
Bitfield Name
RW
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com