Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 23 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 23 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 19Page - Integrated Device Technology STAC9271 Datasheet HTML 20Page - Integrated Device Technology STAC9271 Datasheet HTML 21Page - Integrated Device Technology STAC9271 Datasheet HTML 22Page - Integrated Device Technology STAC9271 Datasheet HTML 23Page - Integrated Device Technology STAC9271 Datasheet HTML 24Page - Integrated Device Technology STAC9271 Datasheet HTML 25Page - Integrated Device Technology STAC9271 Datasheet HTML 26Page - Integrated Device Technology STAC9271 Datasheet HTML 27Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
23
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
3.3.
SPDIF Output
SPDIF Ouput can operate at 44.1 KHz, 48 KHz, 88.2 KHz and 96 KHz, as defined in the Intel High
Definition Audio Specification, with resolutions up to 24 bits. This insures compatibility with all con-
sumer audio gear and allows for convenient integration into home theater systems and media center
PCs.
3.4.
ADAT® Output
ADAT®, or “Lightpipe” is available on all versions of STAC927x family. ADAT® is a single bit stream
optical digital interface for up to 8 channels of uncompressed 24-bit data. Sample rates up to
192 KHz are supported for 2 channels, up to 96 KHz for 4 channels, or up to 48 KHz for 8 channels.
3.5.
Digital Microphone Support
The digital microphone interface permits connection of a digital microphone(s) to the STAC927x fam-
ily via the DMIC0, DMIC1, and DMIC_CLK 3-pin interface. The DMIC0 and DMIC1 signals are inputs
that carry individual channels of digital Mic data to the STAC927x family. In the event that a single
microphone is used, the data is routed to both ADC channels.
The DMIC_CLK output is programmable from 1.176 MHz to 4.704 MHz in 1.176 MHz increments
and is synchronous to the 24 MHz internal clock. The default frequency is 2.352 MHz.
Note: Some Digital Microphone implementations support data on either edge, therefore, an
external mux may not be required.
The STAC927x family supports the digital microphone configurations described in Tables 3 and 4,
and shown in Figures 1, 2 and 3, below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com