Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 19 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 19 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 15Page - Integrated Device Technology STAC9271 Datasheet HTML 16Page - Integrated Device Technology STAC9271 Datasheet HTML 17Page - Integrated Device Technology STAC9271 Datasheet HTML 18Page - Integrated Device Technology STAC9271 Datasheet HTML 19Page - Integrated Device Technology STAC9271 Datasheet HTML 20Page - Integrated Device Technology STAC9271 Datasheet HTML 21Page - Integrated Device Technology STAC9271 Datasheet HTML 22Page - Integrated Device Technology STAC9271 Datasheet HTML 23Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
19
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
Full Scale Input Voltage
0dB Boost @ 4.75 V
All
1.00
-
-
Vrms
All Analog Inputs with boost
10dB Boost
All
0.31
-
-
Vrms
All Analog Inputs with boost
20dB Boost
All
0.10
-
-
Vrms
All Analog Inputs with boost
30dB Boost
All
0.03
-
-
Vrms
All Analog Inputs with boost
40dB Boost
All
0.01
-
-
Vrms
Input Impedance
All
-
50
-
k
Ω
Input Capacitance
All
-
15
-
pF
Analog Mixer
SNR - CD to Ports A,B, & D Line-Out
(Note 4)
All
90
dB
THD+N - CD to Ports A,B, & D Line-Out
(Note 3)
-3dB Input
All
70
dB
SNR - All Line-In to A,B, & D Line-Out (Note 4)
All
90
dB
THD+N - All Line-In to A,B, & D Line-Out
(Note 3)
-3dB Input
All
70
dB
SNR - Analog PC Beep to Ports A,B, & D
Line-Out (Note 4)
All
85
dB
THD+N - Analog PC Beep to Ports A,B, & D
Line-Out (Note 3)
-3dB Input
All
70
dB
Analog to Digital Converter
Resolution
All
24
Bits
Dynamic Range, All Analog Inputs to A/D
(Note 1)
High Pass Filer Enabled, 1Vrms Input,
No boost
All
88
90
dB
SNR All Analog Inputs to A/D (Note 4)
High Pass Filter enabled
All
88
90
dB
THD+N All Analog Inputs to A/D (Note 3)
High Pass Filter enabled,
-3dBV input Level
All
85
dB
Analog Frequency Response (Note 2
All
10
-
30,000
Hz
A/D Digital Filter Pass Band (Note 5)
All
20
-
19,200
Hz
A/D Digital Filter Transition Band
All
19,200
-
28,800
Hz
A/D Digital Filter Stop Band
All
28,800
-
-
Hz
A/D Digital Filter Stop Band Rejection (Note 6)
All
-100
-
-
dB
Group Delay (48 KHz sample rate)
All
-
-
1
ms
Any Analog Input to ADC Crosstalk
10 KHz Signal Frequency
All
-
-85
-
dB
Any Analog Input to ADC Crosstalk
1 KHz Signal Frequency
All
-
-80
-
dB
Spurious Tone Rejection
All
-
-100
-
dB
Attenuation, Gain Step Size ANALOG
All
-
1.5
-
dB
Interchannel Gain Mismatch ADC
All
-
-
0.5
dB
Noise Floor when 40dB Mic Boost Enabled
All
0.01
mV
40dB Mic Boost Enabled SNR
5 mV Input
All
60
dB
Parameter
Conditions
AVdd
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com