Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 43 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 43 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 39Page - Integrated Device Technology STAC9271 Datasheet HTML 40Page - Integrated Device Technology STAC9271 Datasheet HTML 41Page - Integrated Device Technology STAC9271 Datasheet HTML 42Page - Integrated Device Technology STAC9271 Datasheet HTML 43Page - Integrated Device Technology STAC9271 Datasheet HTML 44Page - Integrated Device Technology STAC9271 Datasheet HTML 45Page - Integrated Device Technology STAC9271 Datasheet HTML 46Page - Integrated Device Technology STAC9271 Datasheet HTML 47Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
43
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.2.14. AFG GPIOEn
Table 39. AFG GPIO
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:5]
Rsvd
R
0x0
Reserved
[4]
Data4
RW
0x0
Data for GPIO4. If this GPIO bit is
configured as Sticky (edge-sensitive) input,
it can be cleared by writing zero (one) here
when the corresponding Polarity Control bit
is zero (one).
[3]
Data3
RW
0x0
Data for GPIO3. If this GPIO bit is
configured as Sticky (edge-sensitive) input,
it can be cleared by writing zero (one) here
when the corresponding Polarity Control bit
is zero (one).
[2]
Data2
RW
0x0
Data for GPIO2. If this GPIO bit is
configured as Sticky (edge-sensitive) input,
it can be cleared by writing zero (one) here
when the corresponding Polarity Control bit
is zero (one).
[1]
Data1
RW
0x0
Data for GPIO1. If this GPIO bit is
configured as Sticky (edge-sensitive) input,
it can be cleared by writing zero (one) here
when the corresponding Polarity Control bit
is zero (one).
[0]
Data0
RW
0x0
Data for GPIO0. If this GPIO bit is
configured as Sticky (edge-sensitive) input,
it can be cleared by writing zero (one) here
when the corresponding Polarity Control bit
is zero (one).
Table 40. AFG GPIOEn
Command Verb Format
Verb ID
Payload
Response
Get
F16
00
See bitfield table.
Set1
716
See bits [7:0] of bitfield table.
0000_0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com