Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 27 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 27 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 23Page - Integrated Device Technology STAC9271 Datasheet HTML 24Page - Integrated Device Technology STAC9271 Datasheet HTML 25Page - Integrated Device Technology STAC9271 Datasheet HTML 26Page - Integrated Device Technology STAC9271 Datasheet HTML 27Page - Integrated Device Technology STAC9271 Datasheet HTML 28Page - Integrated Device Technology STAC9271 Datasheet HTML 29Page - Integrated Device Technology STAC9271 Datasheet HTML 30Page - Integrated Device Technology STAC9271 Datasheet HTML 31Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
27
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
3.6.
Analog PC-Beep
Analog PC-Beep is not supported during Link Reset.
3.7.
Headphone Drivers (Restrictions)
Three headphones should not be used simultaneously. Performance degradation will occur when
using two headphones simultaneously. See electrical specifications for details.
3.8.
Device IDs
Note: SVID’s, SSID’s and Assembly ID’s are read/writable by BIOS. All other ID fields are
read-only.
Note: MS refers to Master Studio and HT/SR refers to Home Theater/Sound Room
Table 5. CODEC IDs
Part
Number
DAC
SNR
dB
VID
DID
Rev
ID
Step
ID
SSID*
Assm
ID*
Dolby Mic ADAT
Vol or
DMIC
9274
105 8384h 7620h 01h
01h
000001h
00h
No
Yes
Yes
Selectable
9274D
105 8384h 7621h 01h
01h
000001h
00h
MS
Yes
Yes
Selectable
9273X
95
8384h 7622h 01h
01h
000001h
00h
No
Yes
Yes
Selectable
9273D
95
8384h 7623h 01h
01h
000001h
00h
HT/SR Yes
Yes
Selectable
9272X
95
8384h 7624h 01h
01h
000001h
00h
No
Yes
No
Selectable
9272D
95
8384h 7625h 01h
01h
000001h
00h
HT/SR Yes
No
Selectable
9271X
105 8384h 7626h 01h
01h
000001h
00h
No
No
Yes
Selectable
9271D
105 8384h 7627h 01h
01h
000001h
00h
HT/SR No
Yes
Selectable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com