Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 54 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 54 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 50Page - Integrated Device Technology STAC9271 Datasheet HTML 51Page - Integrated Device Technology STAC9271 Datasheet HTML 52Page - Integrated Device Technology STAC9271 Datasheet HTML 53Page - Integrated Device Technology STAC9271 Datasheet HTML 54Page - Integrated Device Technology STAC9271 Datasheet HTML 55Page - Integrated Device Technology STAC9271 Datasheet HTML 56Page - Integrated Device Technology STAC9271 Datasheet HTML 57Page - Integrated Device Technology STAC9271 Datasheet HTML 58Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
54
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.3.
DAC0 Node (NID = 0x02)
6.3.1.
DAC0 Cnvtr
Table 64. DAC0 Cnvtr
Command Verb Format
Verb ID
Payload
Response
Get
A
0000
See bitfield table.
Set1
2
See bits [15:0] of bitfield table.
0000_0000h
Table 65. DAC0 Cnvtr
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:16]
Rsvd2
R
0x0
Reserved
[15]
StrmType
R
0x0
Stream Type: only PCM streams are
supported by this widget.
[14]
FrmtSmplRate
RW
0x0
Sample Base Rate
0= 48 KHz
1= 44.1 KHz
[13.:11]
SmplRateMultp
RW
0x0
Sample Base Rate Multiple
000= 48 KHz/44.1 KHz or less
001= x2
010= Reserved (x3)
011= x4
100-111= Reserved
[10.:8]
SmplRateDiv
RW
0x0
Sample Base Rate Divisor
000= Divide by 1
001= Divide by 2
010= Divide by 3
011= Divide by 4
100= Divide by 5
101= Divide by 6
110= Divide by 7
111= Divide by 8
[7]
Rsvd1
R
0x0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com