Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 17Page - Integrated Device Technology STAC9271 Datasheet HTML 18Page - Integrated Device Technology STAC9271 Datasheet HTML 19Page - Integrated Device Technology STAC9271 Datasheet HTML 20Page - Integrated Device Technology STAC9271 Datasheet HTML 21Page - Integrated Device Technology STAC9271 Datasheet HTML 22Page - Integrated Device Technology STAC9271 Datasheet HTML 23Page - Integrated Device Technology STAC9271 Datasheet HTML 24Page - Integrated Device Technology STAC9271 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
21
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
3. DETAILED DESCRIPTION
3.1.
Universal JacksTM
IDT’s Universal JacksTM technology allows for the greatest flexibility in board design and implemen-
tation.
For the STAC927x family the Universal JacksTM capabilities are as follows1:
Ports A, B, and D support2:
• Headphone Out
• Line Out
• Line In
• Mic with 0/10/20/30/40 dB Mic boost3
Ports C, E, F, G, H support2:
• Line Out
• Line In
• Mic with 0/10/20/30/40 dB Mic boost3
• Ports G & H do not have VrefOut Support
Note1: On the STAC927x family, only one function can be selected on each pin pair at a time. For
example, a pin pair cannot be configured as an input and output at the same time. Configuration can
be changed at any time.
Note2: Three Headphones should not be used simultaneously. Performance degradation will occur
when using 2 Headphones simultaneously. See electrical specs for details.
Note3: When the 40dB mic boost feature is enabled, additional gain increases greater than 6dB may
result in significant audio quality degradation of the microphone audio input. In particular, when the
40dB MIC boost is active, the SNR, THD+N and DC offset will significantly degrade regardless of the
input signal level.
3.1.1.
Audio Jack Presence Detect
SENSE_A pin is used to detect the presence of plugs in ports A, B, C, and D. SENSE_B pin is used
to detect the presence of plugs in ports E, F, G, ad H. Refer to the reference design for port detect
circuitry. Select the precision of the resistors used as follows:
Table 1. Impedance Sense
AVDD Nominal
Voltage (+-5%)
Resistor Tolerance
Sense A
(If Port D is used)
Resistor Tolerance
Sense A
(If Port D is not used)
Resistor Tolerance
Sense B
(If Port H is used)
Resistor Tolerance
Sense B
(If Port H is not used)
5V
1%
1%
1%
1%
4.5V
1%
1%
1%
1%
4V
0.50%
1%
0.50%
1%
3.3V
0.10%
1%
0.10%
1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com