Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 104 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 104 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 100Page - Integrated Device Technology STAC9271 Datasheet HTML 101Page - Integrated Device Technology STAC9271 Datasheet HTML 102Page - Integrated Device Technology STAC9271 Datasheet HTML 103Page - Integrated Device Technology STAC9271 Datasheet HTML 104Page - Integrated Device Technology STAC9271 Datasheet HTML 105Page - Integrated Device Technology STAC9271 Datasheet HTML 106Page - Integrated Device Technology STAC9271 Datasheet HTML 107Page - Integrated Device Technology STAC9271 Datasheet HTML 108Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
104
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
[25.:22]
OrigFS
R
0x0
Original sample rate (IEC spec).
[21.:20]
CA
R
0x0
Clock accuracy 00= Level II
01= Level I
10= Level III
11= Reserved
[19.:16]
FS
R
0x0
Sample Rate
0000= 44.1 KHz
0010= 48 KHz
0011= 32 KHz
All other combinations are reserved and
shall not be used until further defined (IEC
spec).
[15.:12]
CN
R
0x0
Channel Number (audio channel)
0000= do not take into account
0001= A (left channel for stereo channel
format)
0010= B (right channel for stereo channel
format)
0011= C.
1111= O
[11.:9]
SmplWrdL
R
0x0
Sample Word Length [2:0]
If MaxWrdL=1:
000= unspecified
001= 20 bits
010= 22 bits
011= reserved
100= 23 bits
101= 24 bits
110= 21 bits
111= reserved
If MaxWrdL=0:
000= unspecified
001= 16 bits
010= 18 bits
011= reserved
100= 19 bits
101= 20 bits
110= 17 bits
111= reserved
[8]
MaxWrdL
R
0x0
Max Word Length
0= maximum audio sample word length is
20 bits
1= maximum audio sample word length is
24 bits
Table 205. SPDIFIn VCSR0
Command Response Format
Bit
Bitfield Name
RW
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com