Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 105 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 105 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 101Page - Integrated Device Technology STAC9271 Datasheet HTML 102Page - Integrated Device Technology STAC9271 Datasheet HTML 103Page - Integrated Device Technology STAC9271 Datasheet HTML 104Page - Integrated Device Technology STAC9271 Datasheet HTML 105Page - Integrated Device Technology STAC9271 Datasheet HTML 106Page - Integrated Device Technology STAC9271 Datasheet HTML 107Page - Integrated Device Technology STAC9271 Datasheet HTML 108Page - Integrated Device Technology STAC9271 Datasheet HTML 109Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
105
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.13. PortA Node (NID = 0x0A)
6.13.1. PortA WCap
[7]
NOBLKCH
RW
0x0
0 = normal behavior
1 = disable block size checking for spdif_in.
[6]
VI
RW
0x0
0 = Respond to SPDIF_IN Valid tag
1 = Ignore SPDIF_IN valid tag
[5]
AMuteDis
RW
0x0
0= Auto mute when SPDIF stream marked
non PCM
1= Auto Mute disabled.
[4.:3]
SPL
RW
0x0
SPDIF_IN Parity Limit:Loss of DPLL Lock
after
00 = 4 parity errors
01 = 3 parity errors
10 = 2 parity errors
11 = 1 parity errors
NEW LOCATION -- was at Register 72h,
Page 0, D13:12, moved as part of SPDIF In
consolidation
[2]
SPRun
R
0x0
SPDIF IN Running
0= no signal on pin 47
1= signal on pin 47
NEW LOCATION -- was at Register 72h,
Page 0, D2, moved as part of SPDIF In
consolidation
[1]
SIPER
RW
0x0
SPDIF_IN PARITY ERROR. Set to clear.
`Overlaps SIPERSTAT'. Overlaps
SIPERSTAT.
[0]
COPYINV
RW
0x0
Copyright invert bit.
Table 206. PortA WCap
Command Verb Format
Verb ID
Payload
Response
Get
F00
09
See bitfield table.
Table 205. SPDIFIn VCSR0
Command Response Format
Bit
Bitfield Name
RW
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com