Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 107 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 107 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 103Page - Integrated Device Technology STAC9271 Datasheet HTML 104Page - Integrated Device Technology STAC9271 Datasheet HTML 105Page - Integrated Device Technology STAC9271 Datasheet HTML 106Page - Integrated Device Technology STAC9271 Datasheet HTML 107Page - Integrated Device Technology STAC9271 Datasheet HTML 108Page - Integrated Device Technology STAC9271 Datasheet HTML 109Page - Integrated Device Technology STAC9271 Datasheet HTML 110Page - Integrated Device Technology STAC9271 Datasheet HTML 111Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
107
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.13.3. PortA ConLst
Table 209. PortA PinCap
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:17]
Rsvd2
R
0x0
Reserved
[16]
EapdCap
R
0x0
This widget does not control EAPD pin
[15.:8]
VrefCntrl
R
0x17
VRef generation is supported by this pin
complex, and the following voltages can be
produced on the associated VRef pin: 80%
Avdd; 50% Avdd; GND; Hi-Z (required since
pin complex is output capable)
[7]
Rsvd1
R
0x0
Reserved
[6]
BalancedIO
R
0x0
Pin complex does not have balanced pins.
[5]
InCap
R
0x1
Pin complex is input capable.
[4]
OutCap
R
0x1
Pin complex is output capable.
[3]
HdphDrvCap
R
0x1
Pin complex has headphone amplifier.
[2]
PresDtctCap
R
0x1
Pin complex can perform Presence Detect.
[1]
TrigRqd
R
0x1
Trigger is required for impedance
measurement
[0]
ImpSenseCap
R
0x1
Pin complex supports impedance sense.
Table 210. PortA ConLst
Command Verb Format
Verb ID
Payload
Response
Get
F00
0E
See bitfield table.
Table 211. PortA ConLst
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:8]
Rsvd
R
0x0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com