Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 114 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 114 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 110Page - Integrated Device Technology STAC9271 Datasheet HTML 111Page - Integrated Device Technology STAC9271 Datasheet HTML 112Page - Integrated Device Technology STAC9271 Datasheet HTML 113Page - Integrated Device Technology STAC9271 Datasheet HTML 114Page - Integrated Device Technology STAC9271 Datasheet HTML 115Page - Integrated Device Technology STAC9271 Datasheet HTML 116Page - Integrated Device Technology STAC9271 Datasheet HTML 117Page - Integrated Device Technology STAC9271 Datasheet HTML 118Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
114
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.14.4. PortB ConLstEntry
6.14.5. PortB ConSelectCtrl
[7]
LForm
R
0x0
Connection list uses short-form (7-bit) NID
entries.
[6.:0]
ConL
R
0x03= Enabled DAC4
0x02= Disabled DAC4
Number of NID entries in connection list.
Table 230. PortB ConLstEntry
Command Verb Format
Verb ID
Payload
Response
Get
F02
00
See bitfield table.
Table 231. PortB ConLstEntry
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:24]
ConL3
R
0x00
Unused list entry.
[23.:16]
ConL2
R
0x06= Enabled
0x00= Disabled
DAC4 Converter widget
[15.:8]
ConL1
R
0x03
DAC1 Converter widget
[7.:0]
ConL0
R
0x02
DAC0 Converter widget
Table 232. PortB ConSelectCtrl
Command Verb Format
Verb ID
Payload
Response
Get
F01
00
See bitfield table.
Set1
701
See bits [7:0] of bitfield table.
0000_0000h
Table 233. PortB ConSelectCtrl
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:2]
Rsvd
R
0x0
Reserved
[1.:0]
Index
RW
0x0
Connection select control index.
Table 229. PortB ConLst
Command Response Format
Bit
Bitfield Name
RW
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com