Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 158 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 158 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 154Page - Integrated Device Technology STAC9271 Datasheet HTML 155Page - Integrated Device Technology STAC9271 Datasheet HTML 156Page - Integrated Device Technology STAC9271 Datasheet HTML 157Page - Integrated Device Technology STAC9271 Datasheet HTML 158Page - Integrated Device Technology STAC9271 Datasheet HTML 159Page - Integrated Device Technology STAC9271 Datasheet HTML 160Page - Integrated Device Technology STAC9271 Datasheet HTML 161Page - Integrated Device Technology STAC9271 Datasheet HTML 162Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
158
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.23.5. DigOut0 ConLstEntry4
6.23.6. DigOut0 ConSelectCtrl
6.23.7. DigOut0 PinWCntrl
Table 362. DigOut0 ConLstEntry4
Command Verb Format
Verb ID
Payload
Response
Get
F02
04
See bitfield table.
Table 363. DigOut0 ConLstEntry4
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:24]
ConL7
R
0x00
No connection
[23.:16]
ConL6
R
0x00
No connection
[15.:8]
ConL5
R
0x00
No connection
[7.:0]
ConL4
R
0x1D
ADC2Mux widget
Table 364. DigOut0 ConSelectCtrl
Command Verb Format
Verb ID
Payload
Response
Get
F01
00
See bitfield table.
Set1
701
See bits [7:0] of bitfield table.
0000_0000h
Table 365. DigOut0 ConSelectCtrl
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:1]
Rsvd
R
0x0
Reserved
[2.:0]
Index
RW
0x0
Connection select control index.
Table 366. DigOut0 PinWCntrl
Command Verb Format
Verb ID
Payload
Response
Get
F07
00
See bitfield table.
Set1
707
See bits [7:0] of bitfield table.
0000_0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com