Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 115 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 115 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 111Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 112Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 113Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 114Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 115Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 116Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 117Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 118Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 119Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
103
9.27 DS3 Mapper Drop Side (D3MD)
Each one of three DS3 Mapper DROP Side (D3MD) blocks demaps a DS3 signal
from an STS-1 (STM-0/AU3) payload. The demapped DS3 is presented to the
DS3 framer and subsequently presented on RDAT[x]. Optionally, it is mapped
into the SBI bus or demultiplexed into 28 DS1s or 21 E1s.
The asynchronous DS3 mapping consists of 9 rows every 125 µs (8 KHz). Each
row contains 621 information bits, 5 stuff control bits, 1 stuff opportunity bit, and
2 overhead communication channel bits. Fixed stuff bytes are used to fill the
remaining bytes. The asynchronous DS3 mapping is shown in Table 5.
Table 5
- Asynchronous DS3 mapping to STS-1 (STM-0/AU3)
J1
2 x 8R
RRCIIIII
25 x 8I
2 x 8R
CCRRRRRR
26 x 8I
2 x 8R
CCRROORS
26 x 8I
2 x 8R
RRCIIIII
25 x 8I
2 x 8R
CCRRRRRR
26 x 8I
2 x 8R
CCRROORS
26 x 8I
2 x 8R
RRCIIIII
25 x 8I
2 x 8R
CCRRRRRR
26 x 8I
2 x 8R
CCRROORS
26 x 8I
STS
2 x 8R
RRCIIIII
25 x 8I
2 x 8R
CCRRRRRR
26 x 8I
2 x 8R
CCRROORS
26 x 8I
POH
2 x 8R
RRCIIIII
25 x 8I
2 x 8R
CCRRRRRR
26 x 8I
2 x 8R
CCRROORS
26 x 8I
2 x 8R
RRCIIIII
25 x 8I
2 x 8R
CCRRRRRR
26 x 8I
2 x 8R
CCRROORS
26 x 8I
2 x 8R
RRCIIIII
25 x 8I
2 x 8R
CCRRRRRR
26 x 8I
2 x 8R
CCRROORS
26 x 8I
2 x 8R
RRCIIIII
25 x 8I
2 x 8R
CCRRRRRR
26 x 8I
2 x 8R
CCRROORS
26 x 8I
2 x 8R
RRCIIIII
25 x 8I
2 x 8R
CCRRRRRR
26 x 8I
2 x 8R
CCRROORS
26 x 8I
R: Fixed Stuff bit - set to logic ‘0’ or ‘1’
C: Stuff Control bit - set to logic ‘1’ for stuff indication
S: Stuff Opportunity bit - when stuff control bit is ‘0’, stuff opportunity is I bit
O: Overhead communication channel
I: DS3 payload information
9.27.1 DS3 Demapper
The D3MD performs majority vote on the received C-bits. If 3 out of 5 C-bits are
‘1’s, the associated S bit is interpreted as a stuff bit. If 3 out of 5 C-bits are ‘0’s,
the associated S bit is interpreted as an Information bit. The information bits are
written to an elastic store and the Fixed Stuff bits (R) are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com