Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 117 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 117 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 113Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 114Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 115Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 116Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 117Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 118Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 119Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 120Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 121Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
105
optionally asserted and the Elastic Store read and write address are reset to the
startup values (logically 180 degrees apart).
9.27.3 DS3 Desynchronizer
The Desynchronizer monitors the Elastic Store level to control the de-stuffing
algorithm to avoid overflow and underflow conditions. The Desynchronizer
assumes either a 51.84 MHz clock or a 44.928 MHz clock (provided via input
CLK52M).
When using a 44.928 MHz CLK52M clock, the DS3 clock is generated using a
fixed 8 KHz interval. The 8KHz interval is subdivided into 9 rows. Each row
contains either 621 or 622 clock periods. The CLK52M contains 624 cycles per
row. To generate 621 pulses, a gap pattern of 207 clocks + 1 clock gap + 207
clocks + 1 clock gap + 207 clocks + 1 clock gap is used. To generate 622
pulses, a gap pattern of 207 clocks + 1 clock gap + 207 clocks + 1 clock gap +
208 clocks is used.
When using a 51.84 MHz CLK52M clock, the DS3 clock is generated using
similar gapping patterns. To generate 621 pulses per row, a gapping pattern of
63 * (7 clocks + 1 clock gap) + 36 * (5 clocks + 1 clock gap) is used. To generate
622 pulses per row, a gapping pattern of 63 * (7 clocks + 1 clock gap) + 35 * (5
clocks + 1 clock gap) + 6 clocks) is used.
Table 7 illustrates the gap patterns used to generate the desynchronized DS3
clock under the normal, DS3 AIS, faster and slower status. The faster pattern is
used to drain the elastic store to avoid overflows. The slower pattern is used to
allow the elastic store to fill to avoid underflows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com