Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 129 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 129 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 125Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 126Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 127Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 128Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 129Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 130Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 131Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 132Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 133Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
117
Address
Register
0x0068
RPCC-SBI Indirect Status/Time-slot Address
0x0069
RPCC-SBI Indirect Channel Address Register
0x006A-0x006E
RPCC-SBI Indirect Channel Data Registers
0x006F
RPCC-SBI Configuration Bits
0x0070 - 0x007A
RPCC-SBI Interrupt Status
0x007B
RPCC-SBI PRBS Error Insertion
0x007C
RPCC-SBI PRBS Error Insert Status
0x00A0
RX-SBI-ELST Indirect Status
0x00A1
RX-SBI-ELST Indirect Channel Address Register
0x00A2
RX-SBI-ELST Indirect Channel Data Register
0x00A4 - 0x00AE
RX-SBI-ELST Slip Status
0x00AF - 0x00B9
RX-SBI-ELST Slip Direction
0x00BA
RX-SBI-ELST Slip Interrupt Enable
0x0100
TPCC Indirect Status/Time-slot Address
0x0101
TPCC Indirect Channel Address Register
0x0102-0x0106
TPCC Indirect Channel Data Registers
0x0107
TPCC Configuration
0x0108 - 0x0112
TPCC Interrupt Status
0x0113
TPCC PRBS Error Insertion
0x0114
TPCC PRBS Error Insert Status
0x0170
T1/E1 Framer Indirect Status
0x0171
T1/E1 Framer Indirect Channel Address Register
0x0172 - 0x0186
T1/E1 Framer Indirect Channel Data Registers
0x0187
T1/E1 Framer Configuration and Status
0x0188 - 0x0192
T1/E1 Framer Interrupt Status
0x01C0
SBI Master Reset / Bus Signal Monitor
0x01C1
SBI Master Configuration
0x01C2
SBI Bus Master Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com