Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 130 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 130 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 126Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 127Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 128Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 129Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 130Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 131Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 132Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 133Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 134Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
118
Address
Register
0x01D0
EXSBI Control
0x01D1
EXSBI FIFO Underrun Interrupt Status
0x01D2
EXSBI FIFO Overrun Interrupt Status
0x01D3
EXSBI Tributary RAM Indirect Access Address
0x01D4
EXSBI Tributary RAM Indirect Access Control
0x01D6
EXSBI Tributary Control Indirect Access Data
0x01D7
SBI Parity Error Interrupt Status
0x01DE
EXSBI Depth Check Interrupt Status
0x01DF
Extract External ReSynch Interrupt Status
0x01E0
INSBI Control
0x01E1
INSBI FIFO Underrun Interrupt Status
0x01E2
INSBI FIFO Overrun Interrupt Status
0x01E3
INSBI Tributary Indirect Access Address
0x01E4
INSBI Tributary Indirect Access Control
0x01E6
INSBI Tributary Control Indirect Access Data
0x01F1
INSBI Depth Check Interrupt Status
0x01F2
Insert External ReSynch Interrupt Status
0x0200 – 0x2D5
DS3/E3 Framer and M13 Multiplex #1
0x0200
DS3 and E3 Master Reset
0x0201
DS3 and E3 Master Data Source
0x0202
DS3 and E3 Master Unchannelized Interface
Options
0x0203
DS3/E3 Master Transmit Line Options
0x0204
DS3/E3 Master Receive Line Options
0x0205
DS3/E3 Master Alarm Enable
0x0206
DS2 Master Alarm Enable / DS3 Network
Requirement Bit
0x0207
E3 Data Link Control
0x0208
DS3 TRAN Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com