Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 142 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 142 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 138Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 139Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 140Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 141Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 142Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 143Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 144Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 145Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 146Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
130
Address
Register
0x0A85, 0x0A8D,
0x0A95, 0x0A9D,
0x0AA5, 0x0AAD,
0x0AB5
RTOP, TU #3 in TUG2 #1 to TUG2 #7, BIP-2 Error
Count MSB
0x0A86, 0x0A8E,
0x0A96, 0x0A9E,
0x0AA6, 0x0AAE,
0x0AB6
TU #3 in TUG2 #1 to TUG2 #7, FEBE Error Count
LSB
0x0A87, 0x0A8F,
0x0A97, 0x0A9F,
0x0AA7, 0x0AAF,
0x0AB7
RTOP, TU #3 in TUG2 #1 to TUG2 #7, FEBE Error
Count MSB
0x0AB8
RTOP, TU #3 in TUG2 #1 to TUG2 #7, COPSL
Interrupt
0x0AB9
RTOP, TU #3 in TUG2 #1 to TUG2 #7, PSLM
Interrupt
0x0ABA
RTOP, TU #3 in TUG2 #1 to TUG2 #7, PSLU
Interrupt
0x0ABB
RTOP, TU #3 in TUG2 #1 to TUG2 #7, RDI Interrupt
0x0ABC
RTOP, TU #3 in TUG2 #1 to TUG2 #7, RFI Interrupt
0x0ABD
RTOP, TU #3 in TUG2 #1 to TUG2 #7, Inband Error
Reporting Configuration
0x0AC0, 0x0AC8,
0x0AD0, 0x0AD8,
0x0AE0, 0x0AE8,
0x0AF0
RTOP, TU #4 in TUG2 #1 to TUG2 #7, Configuration
0x0AC1, 0x0AC9,
0x0AD1, 0x0AD9,
0x0AE1, 0x0AE9,
0x0AF1
RTOP, TU #4 in TUG2 #1 to TUG2 #7, Configuration
and Alarm Status
0x0AC2, 0x0ACA,
0x0AD2, 0x0ADA,
0x0AE2, 0x0AEA,
0x0AF2
RTOP, TU #4 in TUG2 #1 to TUG2 #7, Expected
Path Signal Label



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com