Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 144 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 144 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 140Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 141Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 142Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 143Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 144Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 145Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 146Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 147Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 148Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
132
Address
Register
0x0D00 - 0x0D06
TRAP TU #1 in TUG2 #1 to TUG2 #7 of TUG3 #1,
Control
0x0D07
TRAP TU #1 in TUG2 #1 to TUG2 #7 of TUG3 #1,
Egress AIS Control
0x0D08 - 0x0D0E
TRAP TU #2 in TUG2 #1 to TUG2 #7 of TUG3 #1,
Control
0x0D0F
TRAP TU #2 in TUG2 #1 to TUG2 #7 of TUG3 #1,
Egress AIS Control
0x0D10 - 0x0D16
TRAP TU #3 in TUG2 #1 to TUG2 #7 of TUG3 #1
Control
0x0D17
TRAP TU #3 in TUG2 #1 to TUG2 #7 of TUG3 #1,
Egress AIS Control
0x0D18 - 0x0D1E
TRAP TU #4 in TUG2 #1 to TUG2 #7 of TUG3 #1,
Control
0x0D1F
TRAP TU #4 in TUG2 #1 to TUG2 #7 of TUG3 #1,
Egress AIS Control
0x0D20 - 0x0D26
TRAP TU #1 in TUG2 #1 to TUG2 #7 of TUG3 #2,
Control
0x0D27
TRAP TU #1 in TUG2 #1 to TUG2 #7 of TUG3 #2,
Egress AIS Control
0x0D28 - 0x0D2E
TRAP TU #2 in TUG2 #1 to TUG2 #7 of TUG3 #2,
Control
0x0D2F
TRAP TU #2 in TUG2 #1 to TUG2 #7 of TUG3 #2,
Egress AIS Control
0x0D30 - 0x0D36
TRAP TU #3 in TUG2 #1 to TUG2 #7 of TUG3 #2,
Control
0x0D37
TRAP TU #3 in TUG2 #1 to TUG2 #7 of TUG3 #2,
Egress AIS Control
0x0D38 - 0x0D3E
TRAP TU #4 in TUG2 #1 to TUG2 #7 of TUG3 #2,
Control
0x0D3F
TRAP TU #4 in TUG2 #1 to TUG2 #7 of TUG3 #2,
Egress AIS Control
0x0D40 - 0x0D46
TRAP TU #1 in TUG2 #1 to TUG2 #7 of TUG3 #3,
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com