Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 147 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 147 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 143Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 144Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 145Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 146Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 147Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 148Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 149Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 150Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 151Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
135
Address
Register
0x0DD0 - 0x0DD6
TTOP TU #3 in TUG2 #1 to TUG2 #7 of TUG3 #3,
Control
0x0DD7
TTOP TU #3 in TUG2 #1 to TUG2 #7 of TUG3 #3,
BIP Diagnostic Control
0x0DD8 - 0x0DDE TTOP TU #4 in TUG2 #1 to TUG2 #7 of TUG3 #3,
Control
0x0DDF
TTOP TU #4 in TUG2 #1 to TUG2 #7 of TUG3 #3,
BIP Diagnostic Control
0x0DE0
TTOP TUG3 #1 Control
0x0DE1
TTOP TUG3 #2 Control
0x0DE2
TTOP TUG3 #3 Control
0x0DE4
TTOP Trail Trace Identifier Page Select
0x0DE5
TTOP Indirect Trail Trace Identifier Tributary Select
0x0DE6
TTOP Indirect Trail Trace Identifier Buffer Address
0x0DE7
TTOP Indirect Trail Trace Identifier Buffer Data
0x0E00 - 0x0E5E
TTMP Tributary Control
0x0E61
TTMP Time Switch Page Control
0x0E62
TTMP Indirect Time Switch RAM Control and Status
0x0E63
TTMP Indirect Egress Tributary Address
0x0E64
TTMP Indirect Time Switch Internal Link Data
0x0E65
TTMP Telecom Interface Configuration
0x0E80 – 0x0E82
D3MD #1
0x0E80
D3MD Control
0x0E81
D3MD Interrupt Status
0x0E82
D3MD Interrupt Enable
0x0E84 – 0x0E86
D3MD #2
0x0E88 – 0x0E8A D3MD #3
0x0E8C – 0x0E8E D3MA #1
0x0E8C
D3MA Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com