Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 152 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 152 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 148Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 149Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 150Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 151Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 152Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 153Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 154Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 155Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 156Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
140
Register 0x1000: Master Test Register
Bit
Type
Function
Default
Bit 7
R/W
Reserved
0
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
R/W
PMCTST
0
Bit 3
W
DBCTRL
X
Bit 2
R/W
Reserved
0
Bit 1
W
HIZDATA
X
Bit 0
R/W
HIZIO
0
This register is used to select TEMAP-84 test features. All bits, except for
PMCTST, are reset to zero by a hardware reset of the TEMAP-84; a software
reset of the TEMAP-84 does not affect the state of the bits in this register.
PMCTST:
The PMCTST bit is used to configure the TEMAP-84 for PMC's
manufacturing tests. When PMCTST is set to logic 1, the TEMAP-84
microprocessor port becomes the test access port used to run the PMC
"canned" manufacturing test vectors. The PMCTST bit can only be cleared
by setting CSB to logic 1.
DBCTRL:
The DBCTRL bit is used to pass control of the data bus drivers to the CSB
pin while PMCTST is a logic 1. When the DBCTRL bit is set to logic 1, the
CSB pin controls the output enable for the data bus. While the DBCTRL bit is
set, holding the CSB pin high causes the TEMAP-84 to drive the data bus
and holding the CSB pin low tri-states the data bus. The DBCTRL bit
overrides the HIZDATA bit. The DBCTRL bit is used to measure the drive
capability of the data bus driver pads. When PMCTST is logic 0, the DBCTRL
bit is ignored.
Reserved:
These bits must be logic 0 for correct operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com