Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 154 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 154 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 150Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 151Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 152Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 153Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 154Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 155Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 156Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 157Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 158Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
142
11.1 JTAG Test Port
The TEMAP-84 JTAG Test Access Port (TAP) allows access to the TAP controller
and the 4 TAP registers: instruction, bypass, device identification and boundary
scan. Using the TAP, device input logic levels can be read, device outputs can
be forced, the device can be identified and the device scan path can be
bypassed. For more details on the JTAG port, please refer to the Operations
section.
Table 10
- Instruction Register
Length - 3 bits
Instructions
Selected Register
Instruction Codes,
IR[2:0]
EXTEST
Boundary Scan
000
IDCODE
Identification
001
SAMPLE
Boundary Scan
010
BYPASS
Bypass
011
BYPASS
Bypass
100
STCTEST
Boundary Scan
101
BYPASS
Bypass
110
BYPASS
Bypass
111
Table 11
- Identification Register
Length
32 bits
Version number
0x0
Part Number
0x5366
Manufacturer's identification code
0x0CD
Device identification
0x053660CD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com