Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 161 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 161 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 157Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 158Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 159Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 160Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 161Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 162Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 163Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 164Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 165Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
149
12
OPERATION
12.1 Tributary Indexing
The TEMUX-84 is capable of transporting 84 1.544 Mbit/s (T1) or 63 2.048
Mbit/s (E1) tributaries. This section explains the correspondence between the
indexing systems of the various mapping and multiplexing formats: SBI Bus,
Telecom Bus and M13. The listed index systems are used throughout the
document.
The SBI Bus tributary designation uses two integers: the first represents the byte
interleaved SPE number (range 1 to 3) and the second is the link index within the
SPE (range 1 to 28).
The Telecom Bus indexing follows the conventions of the ITU-T multiplexing
structure. The bandwidth is divided into three TUG-3s numbered 1 through 3,
each of which is composed of seven TUG-2s numbered 1 through 7, each of
which is composed of either three TU-12s numbered 1 through 3 or four TU-11s
numbered 1 through 4.
The three DS3s are divided into seven DS2s, each of which is composed of
either four 1.544 Mbit/s or three 2.048 Mbit/s tributaries.
The payload capacity is divided into three equal portions. Each of the following
lists represents one set of equivalent tributaries:
• SPE #1, TUG-3 #1 and DS3 #1
• SPE #2, TUG-3 #2 and DS3 #2
• SPE #3, TUG-3 #3 and DS3 #3
Table 13 and Table 14 provide the equivalencies between the various multiplex
and mapping formats. Alternately, the formats can be equated with the following
formulae:
1.544Mbit/s SBI LINK #
= 7*(TU11-1) + TUG2
= 4*(DS2-1)+DS1
2.048Mbit/s SBI LINK #
= 7*(TU12-1) + TUG2
= 3*(DS2-1)+E1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com