Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 165 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 165 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 161Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 162Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 163Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 164Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 165Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 166Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 167Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 168Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 169Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
153
12.2.3 19.44 MHz SBI Bus and 77.76 MHz Telecom Bus
The rising edge of LREFCLK must be aligned with a tolerance of +/- 5ns to the
rising edge of SREFCLK.
For reliable operation, the STM-1s used within the Telecom bus must be aligned
to the SREFCLK input. To this end, one may manipulate the LSTM[1:0] register
bits and the position of the LAC1 pulses. Table 15 summarizes the
combinations.
Table 16
- 19.44 MHz SBI to 77.76 MHz Telecom to Bus Alignment
Options
LSTM[1:0]
LREFCLK Cycles LAC1
sampling edge leads
SREFCLK rising edge
00
1
01
2
10
3
11
0
As alternate formulation, if LSTM[1:0] was converted to its decimal equivalent,
one would have to satisfy the constraint:
(LSTM + 1) mod 4 = Clock Cycles LAC1 leads SREFCLK
12.2.4 77.76 MHz SBI Bus and 19.44 MHz Telecom Bus
The rising edge of LREFCLK must be aligned with a tolerance of +/- 5ns to the
rising edge of SREFCLK.
For reliable operation, the STM-1s used within the SBI bus must be aligned to
LREFCLK. To this end, one may manipulate the SSTM[1:0] register bits and the
position of the SDC1FP pulses. Table 15 summarizes the combinations.
Table 17
- 77.76 MHz SBI to 19.44 MHz Telecom to Bus Alignment
Options
SSTM[1:0]
SREFCLK Cycles
SDC1FP sampling edge
leads LREFCLK rising
edge
00
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com