Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 167 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 167 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 163Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 164Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 165Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 166Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 167Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 168Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 169Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 170Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 171Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
155
Mx: M-Frame Alignment Signal
• Transmit: The TEMAP-84 generates the M-frame alignment signal (M1 = 0,
M2 = 1, M3 = 0).
• Receive: The TEMAP-84 finds M-frame alignment by searching for the F-
bits and the M-bits. Out-of-frame is removed if the M-bits are correct for
three consecutive M-frames while no discrepancies have occurred in the F-
bits. M-bit errors are counted in the DS3 PMON Framing Bit Error Event
Count registers. When one or more M-bit errors are detected in 3 out of 4
consecutive M-frames, an out-of-frame defect is asserted (if MBDIS in the
DS3 Framer Configuration register is a logic 0).
Fx: M-Subframe Alignment Signal
• Transmit: The TEMAP-84 generates the M-Subframe Alignment signal
(F1=1, F2=0, F3=0, F4=1).
• Receive: The TEMAP-84 finds M-frame alignment by searching for the F-
bits and the M-bits. Out-of-frame is removed if the M-bits are correct for
three consecutive M-frames while no discrepancies have occurred in the F-
bits. F-bit errors are counted in the DS3 PMON Framing Bit Error Event
Count registers. An out-of frame defect is asserted if 3 F-bit errors out of 8
or 16 consecutive F-bits are observed (as selected by the M3O8 bit in the
DS3 FRMR Configuration register).
Cx: C-Bit Channels
• Transmit: When configured for M23 applications, the C-bits used for
stuffing indication. When configured for C-bit parity applications, the C-bit
Parity ID bit is forced to logic 1. The second C-bit in M-subframe 1 is set to
logic 1. The third C-bit in M-subframe 1 provides a far-end alarm and
control (FEAC) signal. The FEAC channel is sourced by the DS3 XBOC
block. The 3 C-bits in M-subframe 3 carry path parity information. The
value of these 3 C-bits is the same as that of the P-bits. The 3 C-bits in M-
subframe 4 are the FEBE bits. FEBE transmission is controlled by the
DFEBE bit in the DS3 TRAN Diagnostic register and by the detection of
receive framing bit and path parity errors. The 3 C-bits in M-subframe 5
contain the 28.2 kbit/s path maintenance datalink. These bits are inserted
from the DS3 TDPR HDLC controller. The C-bits in M-subframes 2, 6, and
7 are unused and are set to logic 1.
• Receive: The CBITV register bit in the DS3 FRMR Status register is used
to report the state of the C-bit parity ID bit, and hence whether a M23 or C-
bit parity DS3 signal stream is being received. The FEAC channel on the
third C-bit in M-subframe 1 is detected by the DS3 RBOC block. Path
parity errors and detected FEBEs on the C-bits in M-subframes 3 and 4 are
reported in the DS3 PMON Path Parity Error Event Count and FEBE Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com