Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 166 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 166 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 162Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 163Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 164Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 165Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 166Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 167Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 168Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 169Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 170Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
154
01
2
10
3
11
0
As alternate formulation, if SSTM[1:0] was converted to its decimal equivalent,
one would have to satisfy the constraint:
(SSTM + 1) mod 4 = Clock Cycles SDC1FP leads LREFCLK
12.3 DS3 Frame Format
The TEMAP-84 provides support for both the C-bit parity and M23 DS3 framing
formats. The DS3 frame format is shown in Figure 13.
Figure 12
- DS3 Frame Structure
X 1
F 1
C 1
F 2
C 2
F 3
F 4
C 3
X 2
F 1
C 1
F 2
C 2
F 3
F 4
C 3
P 1
F 1
C 1
F 2
C 2
F 3
F 4
C 3
P 2
F 1
C 1
F 2
C 2
F 3
F 4
C 3
M1
F 1
C 1
F 2
C 2
F 3
F 4
C 3
M2
F 1
C 1
F 2
C 2
F 3
F 4
C 3
M3
F 1
C 1
F 2
C 2
F 3
F 4
C 3
84 bits
84 bits
84 bits
84 bits
84 bits
84 bits
84 bits
84 bits
M-subframe 1
M-subframe 7
M-subframe 6
M-subframe 5
M-subframe 4
M-subframe 3
M-subframe 2
Xx: X-Bit Channel
• Transmit: The TEMAP-84 inserts the FERF signal on the X-bits. FERF
generation is controlled by either the FERF bit of the DS3 TRAN
Configuration register or by detection of OOF, RED, LOS and AIS, as
configured by the TEMAP-84 Master DS3 Alarm Enable register.
• Receive: The TEMAP-84 monitors the state and detects changes in the
state of the FERF signal on the X-bits.
Px: P-Bit Channel
• Transmit: The TEMAP-84 calculates the parity for the payload data over
the previous M-frame and inserts it into the P1 and P2 bit positions.
• Receive: The TEMAP-84 calculates the parity for the received payload.
Errors are accumulated in the DS3 PMON Parity Error Event Count
registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com