Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 182 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 182 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 178Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 179Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 180Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 181Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 182Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 183Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 184Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 185Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 186Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
170
Figure 21
- T1/E1 Diagnostic Digital Loopback
T1/E1
JAT84
TTMP
(bit)
RTDM
(bit)
M13
M13
M13
M13
M13
M13
M13
M13
DS3/E3
FRMR
M13
M13
DS3/E3
TRAN
TRAP
M13
M13
VTPP
M13
M13
VTPP
M13
M13
SIPO
M13
M13
PISO
M13
M13
D3MA
M13
M13
D3MD
Telecom Bus
Telecom Bus
LIUs
LIUs
SBI 155
TTOP
M13
M13
RTOP/
RTTB
T1/E1
JAT84
EXSBI
INSBI
INSBI
(byte)
EXSBI
(byte)
Egress
Flexible
B/W Port
Ingress
Flexible
B/W Port
DS3/E3 Tx System I/F
DS3/E3 Rx System I/F
T1/E1
FRM R84
Diagnostic
Loopback
12.9 DS3 and E3 Loopback Modes
The TEMAP-84 provides two E3 and three DS3 M13 multiplexer loopback
modes to aid in network and system diagnostics at the DS3 interface. The DS3
loopbacks can be initiated via the µP interface whenever the DS3 framer/M13
multiplexer is enabled. The DS3 and E3 Master Data Source register controls the
DS3 loopback modes. These loopbacks are also available when the DS3 mux is
used with the DS3 mapper via the telecom bus interface.
DS3 and E3 Diagnostic Loopback
DS3 and E3 Diagnostic Loopback allows the transmitted DS3 or E3 stream to be
looped back into the receive DS3 or E3 path, overriding the DS3 or E3 stream
received on the RDAT/RPOS and RNEG/RLCV inputs. The RCLK signal is also
substituted with the transmit DS3 clock, TCLK. While this mode is active, AIS
may be substituted for the DS3 payload being transmitted on the TPOS/TDAT
and TNEG/TMFP outputs. The configuration of the receive interface determines
how the TNEG/TMFP signal is handled during loopback: if the UNI bit in the DS3
FRMR register is set, then the receive interface is configured for RDAT and
RLCV, therefore the TNEG/TMFP signal is suppressed during loopback so that
transmit MFP indications will not be seen nor accumulated as input LCVs. If the
UNI bit is clear, then the interface is configured for bipolar signals RPOS and
RNEG, therefore the TNEG is fed directly to the RNEG input. This diagnostic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com