Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366-PI Datasheet(PDF) 185 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 185 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 181Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 182Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 183Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 184Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 185Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 186Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 187Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 188Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 189Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
173
12.10 Telecom Bus Mapper/Demapper Loopback Modes
The TEMAP-84 provides two loopbacks at the telecom bus interface to aid in
network and system diagnostics at the SONET/SDH interface. These loopback
modes can be enabled via the microprocessor whenever the SONET/SDH block
is enabled as the mapper for the T1/E1 framer slices or as the mapper for the
DS3 framer or M13 Multiplexer.
Telecom Diagnostic Loopback
The Telecom Bus Diagnostic Loopback allows the transmitted telecom bus
stream to be looped back into the receive SONET/SDH receive path, overriding
the data stream received on the telecom drop bus inputs. While Telecom
diagnostic loopback is active, valid SONET/SDH data continues to be
transmitted on the telecom add bus outputs. The entire telecom drop bus is
overwritten by the diagnostic loopback even though only one STS-1 SPE, STM-
1/VC4 TUG3 or STM-1/VC3 is generated by the egress VTPP onto the telecom
add bus. This loopback is only available for VT1.5/VT2/TU11/TU12 mapped
tributaries. DS3 mapped tributaries must use the DS3 diagnostic loopback. The
telecom bus diagnostic loopback mode is shown diagrammatically in Figure 25.
Figure 25
- Telecom Diagnostic Loopback Diagram
VTPP
VT/TU
Payload
Processor
VTPP
VT/TU
Payload
Processor
LDDATA[7:0]
LDDP
LDPL
LDC1J1
LADATA[7:0]
LADP
LAPL
LAC1J1V1
LAC1
RTOP
Receive
Tributary
Path O/H
Telecom Line Loopback
The Telecom Bus Line Loopback allows the received telecom drop bus data to
be looped back out the telecom add bus after being processed by both the
ingress and egress VTPPs. Both VTPP must be setup for the same STS-1 SPE,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com