Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-2ARZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADA4620-2ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-2ARZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADA4620-2ARZ-R7 Datasheet HTML 21Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 22Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 23Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 24Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 25Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 26Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 27Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 28Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
25 of 49
Figure 72. Large Signal Transient Response (10 V Step),
AV= +1
Figure 73. Large Signal Transient Response (10 V Step),
AV = −1
Figure 74. Large Signal Transient Response (30 V Step),
AV = +1
Figure 75. Large Signal Transient Response (30 V Step),
AV = −1
Figure 76. Large Signal Positive Step Settling Time
(10 V Step)
Figure 77. Large Signal Negative Step Settling Time
(10 V Step)
AV = +1
RL = 2kΩ
TIME (500ns/DIV)
AV = –1
RF = RG = 1kΩ
RL = 2kΩ
TIME (500ns/DIV)
AV = +1
RL = 2kΩ
TIME (500ns/DIV)
INPUT SLEW LIMITED, SEE APPLICATIONS SECTION
AV = –1
RF = RG = 1kΩ
RL = 2kΩ
TIME (500ns/DIV)
AV = –1
RF = 1kΩ
CF = 50pF
VIN
VOUT
VERROR
ERROR BAND: 0.01%
ERROR BAND: 12-BIT
ERROR BAND: 16-BIT
TIME (µs)
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
7
–1.4
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
–1.0 –0.5 0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
AV = –1
RF = 1kΩ
CF = 50pF
VIN
VOUT
VERROR
ERROR BAND: 0.01%
ERROR BAND: 12-BIT
TIME (µs)
–1.0 –0.5 0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
7
–1.4
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
ERROR BAND: 16-BIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com