Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-2ARZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADA4620-2ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-2ARZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADA4620-2ARZ-R7 Datasheet HTML 28Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 29Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 30Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 31Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 32Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 33Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 34Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 35Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
32 of 49
THEORY OF OPERATION
Figure 113. Simplified Schematic
The ADA4620 is a wide-input-range, low-power, low-distortion, rail-to-rail output, precision JFET input amplifier
that operates over a wide supply voltage range up to a maximum of 36 V. The amplifier employs a two-temperature
offset trim to achieve a low offset over a wide temperature range. The amplifier features a secondary input stage to
handle input common-mode operation near the positive supply rail. For enhanced slewing, the ADA4620 provides
an additional slew-boosting JFET input stage, which operates with large differential input voltages.
Input and Gain Stages
Figure 113 shows the simplified circuit diagram for the ADA4620. The low-noise architecture provides wide
common-mode input range optimized for low noise, low bias current, low offset voltage, and low distortion. The
use of a low-noise, offset-trimmed, bootstrapped N-channel JFET-based (nJFET) input stage enables a precision
common-mode range starting below the negative supply rail and extending to about 4.4 V below the positive
supply rail. The bootstrapping ensures low variation in leakage current versus input common-mode, extremely
high common-mode rejection ratio, and reduced harmonic distortion. When the input common-mode voltage rises
above about 4.4 V from the positive supply rail, the main input stage shuts off and an alternative nJFET-buffered
NPN bipolar differential pair, not shown in the figure, takes control. This alternative input stage maintains low
input leakage current and linear operation to within approximately 1 V of the positive rail. The offset voltage of this
alternative input stage is not trimmed. Internal clamps prevent phase inversion for signals ranging up to and
slightly exceeding the positive supply rail.
Novel slew boosting circuitry provides a high slew rate for fast settling and low distortion without compromising
stability. An additional nJFET differential input stage has a bias dependent on the applied differential voltage.
During high slew events, the large input differential voltage results in an increase of bias current, which assists the
amplifier in tracking rapidly moving signals. The result is a slew rate in excess of 30 V/µs, which improves settling
time and reduces distortion.
Output Stage
The rail-to-rail output stage receives a differential signal from the input stage. This input stage signal is applied
across a buffered H-bridge class A/B stage. The buffering ensures the input stage is not significantly loaded and
maintains a high gain. The H-bridge is advantageous for providing large slewing currents to the output transistors
and output stage compensation. The outputs of this stage are current mirrored to the common-emitter output
transistors and compensation. The output stage has no thermal shutdown and the device relies on an inherent
OUTPUT BIAS
CONTROL
SLEW BOOST AND
INPUT SELECT
OFFSET
AND
DRIFT TRIM
VOUT
COMMON-MODE
CONTROL
V+
V–
+IN
+IN
–IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com