Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-2ARZ-R7 Datasheet(PDF) 43 Page - Analog Devices

Part # ADA4620-2ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-2ARZ-R7 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADA4620-2ARZ-R7 Datasheet HTML 39Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 40Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 41Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 42Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 43Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 44Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 45Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 46Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
43 of 49
trace in Figure 130. The mux-compatible JFET inputs of ADA4620 do not need diode protection, and therefore
remain very high impedance even with the inputs split by several volts and the output slewing, shown in the blue
trace in Figure 130.
Figure 130. Output of High Impedance Buffer During Mux Switching (See the
Figure 128 Circuit)
For a more comprehensive discussion of the benefits of mux-compatible op amps, refer to this KWIK circuit
application note: Mux Compatible Analog Front End.
Third-Order Low-Pass Sallen-Key Filter
Figure 131. Third-Order Butterworth Sallen-Key Filter
A third-order Butterworth filter can be realized without buffering the extra s + 1 term, allowing it to be achieved
with a single op amp, as shown in Figure 131. The noninverting Sallen Key approach is chosen over inverting gain
multiple feedback to preserve the ultrahigh input Z at low frequencies. This third-order approach offers a certain
important advantage over a second-order approach, which omits R1 and C1. The benefit of having R1 and C1 up
front is that it has an extremely wide stop band, limited only by the quality of the components and the layout. As a
result, it keeps extremely high frequencies from getting to R2. If extremely high frequencies are allowed to get to
R2, the only thing to stop them is C2, which can be approximated as a short at high frequencies, and the output
impedance of the op amp. But of course, the output impedance of the op amp is not low enough beyond its
operating frequency range to arrest those frequencies, and the energy in them essentially makes it past the op-amp
output. Figure 132 shows the frequency response of the filter. This design is −3 dB at 100 kHz. Other frequencies can
be selected by scaling the passive values. Of course, it is easiest to scale the resistors because they are readily
available in finer tolerances. The exact calculated value for C3 is 200 pF, but the component value is reduced due to
the contributing effects of trace capacitance and input capacitance.
+15V
–15V
R3
3.01kΩ
C2
1500pF
C3
180pF
R2
2.55kΩ
R1
1.3kΩ
C1
1500pF
ADA4620-1/
ADA4620-2
VOUT
VIN
ADA4620
TRADITIONAL OP AMP
TIME (300ns/DIV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com