Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-2ARZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4620-2ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-2ARZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4620-2ARZ-R7 Datasheet HTML 10Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 11Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 12Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 13Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 14Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
14 of 49
TYPICAL PERFORMANCE CHARACTERISTICS
VSY = ±18 V, RL = 2 kΩ, CL = 50 pF; common-mode voltage VCM = 0 V for dual supplies, or (V+)/2 V for single supply; TA
= 25°C. The figures refer to both ADA4620-1 and ADA4620-2, unless otherwise noted.
Figure 6. ADA4620-1 VOS Distribution
Figure 7. ADA4620-2 VOS Distribution
Figure 8. ADA4620-1 VOS Distribution (−40°C)
Figure 9. ADA4620-2 VOS Distribution (−40°C)
Figure 10. ADA4620-1 VOS Distribution (+85°C)
Figure 11. ADA4620-2 VOS Distribution (+85°C)
ADA4620-1
102 AMPLFIERS
MEAN = 6µV
SD = 14µV
VOS (µV)
–125 –100 –75
–50
–25
0
25
50
75
100
125
0
3
6
9
12
15
18
21
24
27
30
ADA4620-2
624 AMPLFIERS
MEAN = –27µV
SD = 15µV
VOS (µV)
–125 –100
–75
–50
–25
0
25
50
75
100
125
0
20
40
60
80
100
120
140
160
ADA4620-1
102 AMPLFIERS
MEAN = 13µV
SD = 27µV
VOS (µV)
–125 –100 –75
–50
–25
0
25
50
75
100
125
0
2
4
6
8
10
12
14
16
18
20
ADA4620-2
624 AMPLFIERS
MEAN = –25µV
SD = 31µV
VOS (µV)
–125 –100 –75
–50
–25
0
25
50
75
100
125
0
10
20
30
40
50
60
70
80
90
ADA4620-1
102 AMPLFIERS
MEAN = 0µV
SD = 17µV
VOS (µV)
–125 –100 –75
–50
–25
0
25
50
75
100
125
0
3
6
9
12
15
18
21
24
27
30
ADA4620-2
624 AMPLFIERS
MEAN = 1µV
SD = 12µV
VOS (µV)
–125 –100
–75
–50
–25
0
25
50
75
100
125
0
20
40
60
80
100
120
140
160
180
200
220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com