Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-2ARZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADA4620-2ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-2ARZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADA4620-2ARZ-R7 Datasheet HTML 29Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 30Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 31Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 32Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 33Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 34Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 35Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 36Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
33 of 49
limitation of current drive to the output transistors, along with appropriate user precautions, to maintain a safe
operating area (SOA).
Compensation
The wide gain bandwidth product of 16.5 MHz is achieved through internal compensation ensuring unity-gain
stable operation even for capacitive loads larger than 100 pF. Larger capacitive loads can be driven with the
assistance of an isolation resistor in series with the load.
An additional aspect of the compensation scheme is that capacitors are coupled to the positive and negative
supply rails to improve high-frequency power supply rejection ratio (PSRR).
No Phase Reversal
The ADA4620 does not suffer from output voltage phase reversal when driven beyond the specified input common-
mode range. In JFET amplifiers, phase reversal can happen when the input differential transistors go into their
triode region of operation. The input signal then couples directly into the transistors’ drains without undergoing
the normal inverting gain of the transistors. This is the usual source for phase reversal – a lack of the normal
inverting gain at the input. On the ADA4620, the high common-mode output stage is designed in such a way that
the amplification does not rely on an inverting gain of the input transistors. This avoids direct coupling into the
drain nodes when in the triode region. In this way, the ADA4620 circumvents the phase reversal phenomenon.
Additional clamping also ensures that phase reversal does not occur.
Electrical Overstress Protection
Figure 114. Electrical Overstress Protection Circuitry
The ADA4620 is provided with electrical overstress protection, as shown in Figure 114. The diode stack between V+
and V– provides the primary protection against overvoltage stress. The stack of diodes undergoes controlled
avalanche breakdown around 47.5 V, well above the absolute maximum rating of 40 V. If the supply voltage exceeds
that threshold, significant current begins to flow between the supplies. The series resistance of the diode stack is
approximately 11 Ω, providing some limitation to the current flow.
The signal pins (+IN, −IN, and OUT) of the amplifier are provided with a diode each to V+ and V–. In the case of a pin
overvoltage condition (greater than the V+ supply voltage), a diode becomes forward-biased. If the V+ supply is low
impedance, current flows from the signal pin to V+. The current is only limited by external resistance. If the V+
supply is high impedance, the pin voltage drags the V+ supply up. This continues until the diode stack breaks down.
Similarly, when there is a pin undervoltage condition (less than the V– supply voltage), a diode becomes forward-
biased. If the V– supply is low impedance, current flows from V– to the signal pin, again only limited by external
resistance. If the V– supply is high impedance, the pin voltage drags down the V– supply until the diode stack
ADA4620-1/
ADA4620-2
+
–
OUT
+IN
–IN
V–
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com