Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-2ARZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4620-2ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-2ARZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4620-2ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 10Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 11Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 12Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
9 of 49
(Supply voltage VSY = ±18 V for dual supplies, or 36 V for single supply; common-mode voltage VCM = (V+) − 2 V; TA =
25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ, VOUT =
±5 V, AV = −10,
VIN+ = 16 V
10% - 90%
5.2
V/μs
90% - 10%
4.6
Gain Bandwidth
Product
GBP
RL = Open, CL = 50 pF, Measured at
100 kHz
13
MHz
Unity-Gain Crossover
UGC
RL = Open, CL = 50 pF
11
MHz
Phase Margin
PM
RL = Open, CL = 50 pF
51
Degrees
Overload Recovery
Time
OLR+
RL = 2 kΩ, CL = 50 pF, AV = −10,
Step = +6 V to +16 V, VCM = +16 V
1.1
μs
OLR−
RL = 2 kΩ, CL = 50 pF, AV = −10,
Step = +26 V to +16 V, VCM = +16 V
0.17
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz, VCM = 0 V
1.8
μV p-p
Voltage Noise Density
en
f = 1 Hz
139
nV/√Hz
f = 10 Hz
50
f = 100 Hz
26
f = 1 kHz
21
f = 10 kHz
20
Current Noise Density
In
f = 10 Hz
1.2
fA/√Hz
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com