Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-2ARZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4620-2ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-2ARZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4620-2ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 10Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
7 of 49
(Supply voltage VSY = ±2.25 V to ±18 V for dual supplies, or 4.5 V to 36 V for single supply; common-mode voltage
VCM = 0 V for dual supplies, or (V+)/2 V for single supply; TA = 25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Current Noise Density
In
f = 10 Hz, VCM = 0 V, VSY= ±18 V
0.6
fA/√Hz
MATCHING ADA4620-2 - (Ch A − Ch B)
Offset Voltage
Matching
VOS
VSY = ±18 V
±12
μV
−40°C < TA <
+125°C
±12
Offset Voltage Drift1
ΔVOS/ΔT
VSY = ±18 V
−40°C < TA <
+125°C
±0.02
µV/°C
Input Bias Current
Matching
IB
VSY = ±18 V
±0.06
pA
−40°C < TA <
+125°C
±7
CROSSTALK ADA4620-2 - (Ch A − Ch B)
Crosstalk
XTLK
Frequency = 1 kHz; RL = 2 kΩ,
VOUT = 4 V p-p, VSY = ±18 V
−152
dB
Frequency = 10 kHz; RL = 2 kΩ,
VOUT = 4 V p-p, VSY = ±18 V
−133
Frequency = 100 kHz; RL = 2 kΩ,
VOUT = 4 V p-p, VSY = ±18 V
−113
.
1
Calculated using the box method. The box method uses the formula (VOS,MAX – VOS,MIN)/(TMAX – TMIN), where
VOS,MAX and VOS,MIN are the maximum and minimum offset errors characterized over the full temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com