Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-2ARZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4620-2ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-2ARZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4620-2ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 19Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 20Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 21Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 22Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
19 of 49
Figure 36. IBIAS vs. VCM, Four Temperatures
Figure 37. IBIAS vs. VCM, High VCM Operation
Figure 38. IBIAS vs. VCM, High VCM Operation, Four
Temperatures
Figure 39. IOS vs VCM, Four Temperatures
Figure 40. ADA4620-1 IOS Distribution
Figure 41. ADA4620-2 IOS Distribution
–18.1V ≤ VCM ≤ 18.1V
–40°C
+25°C
+85°C
+125°C
VCM (V)
–20–18–16–14–12–10 –8 –6 –4 –2 0 2 4 6 8 10 12 14 16 18 20
–150
–120
–90
–60
–30
0
30
60
90
120
150
–2.0
–1.6
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
1.6
2.0
LEFT AXIS
LEFT AXIS
RIGHT AXIS
13.5V ≤ VCM ≤ 18.1V
5 AMPLIFIERS
VCM (V)
13.5
14.0
14.5
15.0
15.5
16.0
16.5
17.0
17.5
18.0
–5
–4
–3
–2
–1
0
1
2
3
4
5
13.5V ≤ VCM ≤ 18.1V
–40°C
+25°C
+85°C
+125°C
VCM (V)
13.5
14.0
14.5
15.0
15.5
16.0
16.5
17.0
17.5
18.0
–150
–120
–90
–60
–30
0
30
60
90
120
150
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
LEFT AXIS
RIGHT AXIS
LEFT AXIS
–18.1V ≤ VCM ≤ 18.1V
–40°C
+25°C
+85°C
+125°C
VCM (V)
–20–18–16–14–12–10 –8 –6 –4 –2 0 2 4 6 8 10 12 14 16 18 20
–20
–15
–10
–5
0
5
10
15
20
–100
–75
–50
–25
0
25
50
75
100
RIGHT AXIS
LEFT AXIS
LEFT AXIS
ADA4620-1
102 AMPLFIERS
MEAN = –0.12pA
SD = 0.09pA
IOS (pA)
–1.0 –0.8 –0.6 –0.4 –0.2
0
0.2
0.4
0.6
0.8
1.0
0
3
6
9
12
15
18
21
24
27
30
ADA4620-2
624 AMPLFIERS
MEAN = 0.03pA
SD = 0.05pA
IOS (pA)
–1.0 –0.8 –0.6 –0.4 –0.2
0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
150
175
200
225
250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com