Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-2ARZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4620-2ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-2ARZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4620-2ARZ-R7 Datasheet HTML 13Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 14Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 19Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 20Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
17 of 49
Figure 24. VOS vs. VCM, Four Temperatures
Figure 25. VOS vs. VCM, High VCM Operation, Four Temperatures
Figure 26. VOS vs. VCM, Mean, ±3 Sigma
Figure 27. VOS vs. VSY, Dual Supply
Figure 28. VOS vs. VSY, Single Supply, Four Temperatures
Figure 29. VOS vs. VSY, Dual Supply, Four Temperatures
–18.1V ≤ VCM ≤ 18.1V
–40°C
+25°C
+85°C
+125°C
VCM (V)
–20–18–16–14–12–10 –8 –6 –4 –2 0 2 4 6 8 10 12 14 16 18 20
–10
–5
0
5
10
15
20
25
30
35
40
13.5V ≤ VCM ≤ 18.1V
–40°C
+25°C
+85°C
+125°C
VCM (V)
13.5 14.0 14.5 15.0 15.5 16.0 16.5 17.0 17.5 18.0 18.5
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
MEAN
MEAN + 3σ
MEAN – 3σ
VCM (V)
–20–18 –16–14–12 –10 –8 –6 –4 –2 0
2
4
6
8 10 12 14
–120
–100
–80
–60
–40
–20
0
20
40
60
80
100
120
–18.1V ≤ VCM ≤ 13.9V
VCM = 0V
HIGH TO LOW VCM CROSSOVER
10 AMPLIFIERS
VSY (V)
0
±2
±4
±6
±8
±10
±12
±14
±16
±18
–100
–80
–60
–40
–20
0
20
40
60
80
100
VCM = 0 V
HIGH TO LOW VCM CROSSOVER
–40°C
+25°C
+85°C
+125°C
VSY (V)
0
4
8
12
16
20
24
28
32
36
–20
–10
0
10
20
30
40
50
60
70
80
90
100
VCM = 0V
HIGH TO LOW VCM CROSSOVER
–40°C
+25°C
+85°C
+125°C
VSY (V)
0
±2
±4
±6
±8
±10
±12
±14
±16
±18
–20
–10
0
10
20
30
40
50
60
70
80
90
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com