Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-2ARZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADA4620-2ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-2ARZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA4620-2ARZ-R7 Datasheet HTML 19Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 20Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 21Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 22Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 23Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 24Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 25Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 26Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
23 of 49
Figure 60. Dropout Voltage ((V+) − VOUT) vs. IOUT Source
Figure 61. Dropout Voltage (VOUT − (V−)) vs. IOUT Sink
Figure 62. DC Open-Loop Gain vs. RL
Figure 63. DC Open-Loop Gain vs. Temperature
Figure 64. Open-Loop Gain and Phase vs. Frequency
(+25°C)
Figure 65. Open-Loop Gain and Phase vs. Frequency and Four
Temperatures
–40°C
+25°C
+85°C
+125°C
IOUT SOURCE (mA)
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
100
–40°C
+25°C
+85°C
+125°C
IOUT SINK (mA)
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
100
VOUT ±5V
RESISTIVE LOAD (Ω)
100
1k
10k
100k
1M
10M
100
110
120
130
140
150
160
170
180
–17.8V ≤ VOUT ≤ 17.8V
RL = 10kΩ
RL = 2kΩ
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
80
90
100
110
120
130
140
150
160
RL = 2kΩ
CL = 50pF
GAIN
PHASE
FREQUENCY (Hz)
0.1
1
10
100
1k
10k
100k
1M
10M
100M
–40
–20
0
20
40
60
80
100
120
140
–270
–225
–180
–135
–90
–45
0
45
90
135
RL = 2kΩ
CL = 50pF
–40°C
+25°C
+85°C
+125°C
FREQUENCY (Hz)
0.1
1
10
100
1k
10k
100k
1M
10M
100M
–40
–20
0
20
40
60
80
100
120
140
–270
–225
–180
–135
–90
–45
0
45
90
135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com