Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-2ARZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4620-2ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-2ARZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4620-2ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 10Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 11Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
8 of 49
High Common-Mode Voltage Operation ((V+) − 4.4 V < VCM ≤ (V+))
Table 2. High Common-Mode Voltage Operation
(Supply voltage VSY = ±18 V for dual supplies, or 36 V for single supply; common-mode voltage VCM = (V+) − 2 V; TA =
25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
Offset Voltage
VOS
±2
±15
mV
−40°C < TA < +125°C
±15
VCM = V+
±22
±120
−40°C < TA <
+125°C
±120
Input Bias Current
IB
±0.12
±10
pA
−40°C < TA < +125°C
±1.5
nA
Input Offset Current
IOS
±0.1
±6
pA
−40°C < TA < +125°C
±125
Common-Mode
Rejection Ratio
CMRR
(V−) − 0.1 V < VCM
< V+
49
66
dB
−40°C < TA <
+125°C
50
Open-Loop Voltage
Gain
AVOL
RL = 10 kΩ, VOUT = ±17.8 V
100
dB
RL = 2 kΩ, VOUT = ±17.8 V
67
Input Capacitance
CINDM
Differential mode
5
pF
CINCM
Common mode
18.2
Input Resistance
RINDM
Differential mode
29
GΩ
RINCM
Common mode
10
TΩ
OUTPUT CHARACTERISTICS
Closed-Loop Output
Impedance
ZOUT
f = 1 kHz, AV = +1
45
mΩ
f = 1 kHz, AV = +10
0.5
Ω
f = 1 kHz, AV = +100
5.5
POWER SUPPLY
Power Supply
Rejection Ratio
PSRR−
V+ = 4.5 V, VCM =
(V+) − 2 V, V−
stepped from
−31.5 V to 0 V
86
89
dB
−40°C < TA <
+125°C
78
Supply Current per
Amplifier
ISY
IOUT = 0 mA, VSY =
±2.25 V, VCM = 0 V
1.1
1.2
mA
−40°C < TA <
+125°C
1.6
IOUT = 0 mA, VSY =
±18 V
1.2
1.3
−40°C < TA <
+125°C
1.7
Operating Range
VSY
Guaranteed by PSRR
4.5
36
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com